Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S16500NH Datasheet(PDF) 3 Page - STMicroelectronics

Part # S16500NH
Description  The S16xxxH series of SCRs uses a high performance MESA GLASS PNPN technology.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S16500NH Datasheet(HTML) 3 Page - STMicroelectronics

  S16500NH Datasheet HTML 1Page - STMicroelectronics S16500NH Datasheet HTML 2Page - STMicroelectronics S16500NH Datasheet HTML 3Page - STMicroelectronics S16500NH Datasheet HTML 4Page - STMicroelectronics S16500NH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
P (W)
360
O
=1 80
o
= 120
o
=90
o
=60
o
=30
o
DC
I
(A)
T(AV)
Fig.1 : Maximum average power dissipation ver-
sus average on-state current.
0
10203040
5060708090 100 110 120 130
0
2
4
6
8
10
12
14
16
18
20
I
(A)
T(AV)
= 180
o
DC
Tcase ( C)
o
Fig.3 : Average on-state current versus case tem-
perature.
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Igt
Tj( C)
o
Ih
-40
-20
0
20
40
60
80
100
120 140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.5 : Relative variation of gate trigger current and
holding current versus junction temperature.
020
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
-85
-95
-105
-115
-125
P (W)
Tcase ( C)
o
= 180
o
Tamb ( C)
o
Rth = 0 C/W
1C/W
2C/W
4C/W
o
o
o
o
Fig.2 : Correlation between maximum average
power dissipation and maximum allowable tem-
perature (Tamb and Tcase) for different thermal
resistances heatsink + contact.
1E-3
1E-2
1E-1
1E +0
1 E +1
1E +2 5 E+2
0.01
0.1
1
Zth/Rth
Zt h( j-c )
Zt h( j-a )
tp (s )
Fig.4 : Relative variation of thermal impedance
versus pulse duration.
1
10
100
100 0
0
50
100
150
200
I
(A)
TSM
Tj initial = 25 C
o
Number of cycles
Fig.6 : Non repetitive surge peak on-state current
versus number of cycles.
®
S16xxxH
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com