Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPJ342 Datasheet(PDF) 4 Page - Compex Systems Pte. Lte.

Part # WPJ342
Description  Multi-function AR9342 Embedded Board with on-board Wireless
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ342 Datasheet(HTML) 4 Page - Compex Systems Pte. Lte.

  WPJ342 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ342 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ342 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ342 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ342 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ342 Datasheet HTML 6Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 05/07/2019 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Type
Functionality
Remark
IEEE 802.3af
Powered Device (PD) module
To convert from LV to HV version.
DC Jack input: 12-24V,
Passive PoE: 36-56V,
IEEE 802.3af/at PoE supported.
WPJ342 Dimensions will increase to
105 x 95 x 21 mm
Optional Add-on
Dimensional Drawing of WPJ342 with IEEE 802.3af PD Module



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com