Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPJ419 Datasheet(PDF) 4 Page - Compex Systems Pte. Lte.

Part # WPJ419
Description  Multi-function IPQ4019 Embedded Board with on-board Wireless
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ419 Datasheet(HTML) 4 Page - Compex Systems Pte. Lte.

  WPJ419 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 6Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 7Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 8Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
wireless embedded boards-WASABI
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 15/06/2020 SL, LL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems.
While every effort is made to ensure the information is accurate,
Compex does not accept liability for any errors or mistakes that may arise. All specifications are subject to change without notice.
4
wireless embedded boards-WASABI
RF Performance Table for 5GHz
Data Rate TX Power
(per chain)
TX Power
(2 chains) Tolerance
5GHz
802.11a
6Mbps
23dBm
26dBm
±2dB
9Mbps
23dBm
26dBm
±2dB
12Mbps
23dBm
26dBm
±2dB
18Mbps
23dBm
26dBm
±2dB
24Mbps
23dBm
26dBm
±2dB
36Mbps
23dBm
26dBm
±2dB
48Mbps
22dBm
25dBm
±2dB
54Mbps
20dBm
23dBm
±2dB
5GHz
802.11n/ac
VHT20
MCS 0
23dBm
26dBm
±2dB
MCS 1
23dBm
26dBm
±2dB
MCS 2
23dBm
26dBm
±2dB
MCS 3
23dBm
26dBm
±2dB
MCS 4
23dBm
26dBm
±2dB
MCS 5
22dBm
25dBm
±2dB
MCS 6
20dBm
23dBm
±2dB
MCS 7
19dBm
22dBm
±2dB
MCS 8
18dBm
21dBm
±2dB
5GHz
802.11n/ac
VHT40
MCS 0
23dBm
26dBm
±2dB
MCS 1
23dBm
26dBm
±2dB
MCS 2
23dBm
26dBm
±2dB
MCS 3
23dBm
26dBm
±2dB
MCS 4
23dBm
26dBm
±2dB
MCS 5
23dBm
26dBm
±2dB
MCS 6
20dBm
23dBm
±2dB
MCS 7
19dBm
22dBm
±2dB
MCS 8
18dBm
21dBm
±2dB
MCS 9
17dBm
20dBm
±2dB
5GHz
802.11ac
VHT80
MCS 0
22dBm
25dBm
±2dB
MCS 1
22dBm
25dBm
±2dB
MCS 2
22dBm
25dBm
±2dB
MCS 3
22dBm
25dBm
±2dB
MCS 4
22dBm
25dBm
±2dB
MCS 5
21dBm
24dBm
±2dB
MCS 6
20dBm
23dBm
±2dB
MCS 7
18dBm
21dBm
±2dB
MCS 8
17dBm
20dBm
±2dB
MCS 9
16dBm
19dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
5GHz
802.11a
6Mbps
-93dBm
±2dB
9Mbps
-92dBm
±2dB
12Mbps
-91dBm
±2dB
18Mbps
-88dBm
±2dB
24Mbps
-87dBm
±2dB
36Mbps
-84dBm
±2dB
48Mbps
-81dBm
±2dB
54Mbps
-79dBm
±2dB
5GHz
802.11n/ac
VHT20
MCS 0
-91dBm
±2dB
MCS 1
-90dBm
±2dB
MCS 2
-88dBm
±2dB
MCS 3
-86dBm
±2dB
MCS 4
-82dBm
±2dB
MCS 5
-79dBm
±2dB
MCS 6
-76dBm
±2dB
MCS 7
-73dBm
±2dB
MCS 8
-70dBm
±2dB
5GHz
802.11n/ac
VHT40
MCS 0
-92dBm
±2dB
MCS 1
-90dBm
±2dB
MCS 2
-88dBm
±2dB
MCS 3
-86dBm
±2dB
MCS 4
-85dBm
±2dB
MCS 5
-83dBm
±2dB
MCS 6
-79dBm
±2dB
MCS 7
-75dBm
±2dB
MCS 8
-73dBm
±2dB
MCS 9
-70dBm
±2dB
5GHz
802.11ac
VHT80
MCS 0
-86dBm
±2dB
MCS 1
-85dBm
±2dB
MCS 2
-83dBm
±2dB
MCS 3
-79dBm
±2dB
MCS 4
-76dBm
±2dB
MCS 5
-73dBm
±2dB
MCS 6
-71dBm
±2dB
MCS 7
-69dBm
±2dB
MCS 8
-67dBm
±2dB
MCS 9
-66dBm
±2dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com