Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATBA-32F Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # ATBA-32F
Description  Buffer Amplifier Function Extension Box for analog input board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

ATBA-32F Datasheet(HTML) 2 Page - Contec Co., Ltd

  ATBA-32F Datasheet HTML 1Page - Contec Co., Ltd ATBA-32F Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.1.05
ATBA-32F, ATBA-8F
2
Connect a Board/Card
Board/Card Connection
*1: To obtain an effective buffer amp connection, connectthis unit near to the analog input board. Using a 0.5 m
Shield Cable is recommended.
Correspondence Products (Optional)
Board for PCI Express : AIO-163202F-PE
Board for PCI
: ADA16-32/2(PCI)F
USB I/O Unit
: AIO-163202FX-USB
Cables (Optional)
Shielded cable with a 96-pin half-pitch connectors on 2 Ends
: PCB96PS-0.5P (0.5m), PCB96PS-1.5P (1.5m)
Flat cable with a 96-pin half-pitch connectors on 2 Ends
: PCB96P-1.5 (1.5m),
Shielded cable with a 96-pin half-pitch connector to open-ended
: PCA96PS-0.5P (0.5m), PCA96PS-1.5P (1.5m)
Flat able with a 96-pin half-pitch connector to open-ended:
PCA96P-1.5 (1.5m)
68/96-pin conversion shielded cable for analog input/output
: ADC-68M/96F (0.5m) *1
*1 ATBA-32F, ATBA-8F uses this cable when connecting the PC card.
Connecting an External Power Supply
Because the corresponding analog board/card have not voltage output,
an external power supply is required to make the terminal work.
Items
Specification
Power Voltage
5VDC
Voltage Tolerance
±5%
Current Capacity
0.85A or larger
A bundled connector plug (MC1,5/3-ST-3,5, Phoenix Contact. Suitable
wire: AWG28 - 16) can help you to connect the external power supply.
When you using this MC1,5/3-ST-3,5 plug to connect the external power
supply, please strip the end of the corresponding wire, insert it into the
connector plug, then fix the screw to secure.
There is an optional AC adapter available from CONTEC.
Accessories (Optional):
AC adapter
(Input: 90 - 264VAC, Output: 5VDC 2.0A)
: POA200-20
When using the external power supply:
The terminal can provide the maximum power supply of 5VDC, 2A.
To use the AC adapter, please connect it to the terminal first, then
plug the AC adapter into a outlet.
When the terminal is not used, please leave the AC adapter
unplugged.
Continuously using the AC adapter under high temperature
environment will affect its life.
Use the AC adapter not in a closed place but in a well-ventilated
place. The AC adapter heats up itself when loaded heavily. If the
AC adapter is exposed to high temperature or used continuously,
you should keep the load at about 80% of the maximum load.
- Please use the DC cable with a length of less than 1m to meet “CE
EMC Directive”.
ATBA-32F
or
ATBA-8F
CN2
CN1
Cable2
(Sold separately)
Remote device side
Board side
Analog input board
Cable1
(Sold separately)
Analog input
card
CAUTION
+5VDC
FG Vi- Vi+
FG
Vi-
Vi+
Frame ground
Power supply(GND)
Power supply(5V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com