Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCH-16A Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # ATCH-16A
Description  16Ch Extension sub board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

ATCH-16A Datasheet(HTML) 1 Page - Contec Co., Ltd

  ATCH-16A Datasheet HTML 1Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver.1.01
ATCH-16A(PCI)
1
16Ch Extension sub board
ATCH-16A(PCI)
* Specifications, color and design of the products are subject to change
without notice.
This product is the AD12-16(PCI)EV, AD16-16(PCI)EV, AIO-161601E3-PE,
AIO-121601E3-PE channel multiplexer Sub-Board.
Features
Channel expansion
32 single - ended input channels or 16 differential input channels can be
added to the AD12-16(PCI)EV, AD16-16(PCI)EV, AIO-161601E3-PE,
AIO-121601E3-PE.
Packing List
Multiplexer Sub-Board (ATCH-16A(PCI))…1
User’s Manual…1
Warranty Certificate …1
Signal Name Label Sheet…1
Board Dimensions
Pin Assignments of ATCH-16A(PCI) CN1
Connect to the CN3 of
AD12-16(PCI)EV, AD16-16(PCI)EV.
Connection Cable
Bracket
75mm
40mm
50mm
CN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Analog Input 16 / 8[+]
Analog Input 24 / 8[-]
Analog Input 17 / 9[+]
Analog Input 25 / 9[-]
Analog Input 18 / 10[+]
Analog Input 26 / 10[-]
Analog Input 19 / 11[+]
Analog Input 27 / 11[-]
Analog Input 20 / 12[+]
Analog Input 28 / 12[-]
Analog Input 21 / 13[+]
Analog Input 29 / 13[-]
Analog Input 22 / 14[+]
Analog Input 30 / 14[-]
Analog Input 23 / 15[+]
Analog Input 31 / 15[-]
Analog Output
Simultaneous Hold Output
+5V DC from PC
Description
No.
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Analog Ground
Digital Ground
Description
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
- Analog Input 16 - 32 are single - ended input channels.
- Analog Input 8[+] - 15[-] differential input channels.
* "Analog Output", "Simultaneous Hold Output", "+5V DC from PC" and "Digital Ground"
are the same signals as the AD12-16(PCI)EV,AD16-16(PCI)EV.
- The above figure is an arrangement when the receptacle on the board is seen form the plug.


Similar Part No. - ATCH-16A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP1210 ETC2-ATCHP1210 Datasheet
78Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHVR ETC2-ATCHVR Datasheet
116Kb / 2P
RESISTIVE PRODUCTS
More results

Similar Description - ATCH-16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC1602K ETC-WC1602K Datasheet
118Kb / 1P
16CH x 2 Lines 1/16Duty,1/5Bias LCD
logo
Advantech Co., Ltd.
MIC-3312 ADVANTECH-MIC-3312 Datasheet
463Kb / 2P
6U CompactPCI짰 Extension Board for MIC-3393
logo
Sanyo Semicon Device
LV5232VH SANYO-LV5232VH Datasheet
179Kb / 8P
16ch LED Driver
logo
STMicroelectronics
STEVAL-MKI115V1 STMICROELECTRONICS-STEVAL-MKI115V1 Datasheet
93Kb / 4P
Bluetooth extension demonstration board for STEVAL-MKI109V1
06-Sep-2011
UM0375 STMICROELECTRONICS-UM0375 Datasheet
304Kb / 9P
STR9 LCD extension board
09-Oct-2007
logo
ON Semiconductor
LV5232VH ONSEMI-LV5232VH Datasheet
209Kb / 9P
16ch LED Driver
September, 2013
logo
Contec Co., Ltd
AD12-16 CONTEC-AD12-16 Datasheet
339Kb / 3P
16Ch/12Bit Analog Input Board
ATUH-16A CONTEC-ATUH-16A Datasheet
161Kb / 1P
16CH Extension Sub-board
DA12-16 CONTEC-DA12-16 Datasheet
365Kb / 4P
Digital to Analog Output Board for PCI 16ch type
DIO-1616LN-ETH CONTEC-DIO-1616LN-ETH Datasheet
412Kb / 4P
Isolated Digital I/O Unit 16ch DI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com