Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATII-8C Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # ATII-8C
Description  Isolation function extension accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

ATII-8C Datasheet(HTML) 2 Page - Contec Co., Ltd

  ATII-8C Datasheet HTML 1Page - Contec Co., Ltd ATII-8C Datasheet HTML 2Page - Contec Co., Ltd ATII-8C Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.01
ATII-8C
2
Cable & Connector
Cable (Option)
Shielded Cable with 37-pin D-SUB connectors at either ends
: PCB37PS-0.5P (0.5m), PCB37PS-1.5P (1.5m)
Accessories
Accessories (Option)
DIN rail adapter
: DIN-ADP1
*
Check the CONTEC’sWeb site for more information on these options.
Parts of the Board and Explanation
CN1
: Connector for connecting to an A/D converter board.
A PCB37PS series cable can be used if connecting to an
analog E series board.
CN2
: Connector for connecting another ATII-8C in cascade.
TB1
: Terminal for connecting external power supply (+5V -
+9VDC). If JP2 is set to external power supply, connect
the external power supply to this terminal.
TB2
: Terminal for analog output signal. Use to connect the
analog output signal (OUT0) on analog E series boards to
an external device.
CH0 - CH7 : Terminals for analog input signals.
Use to connect external devices or thermocouples.
JP1
: Jumper for selecting the signals connected to CN1.
JP2
: Jumper for the power supply setting.
JP2 specifies the power supply for this product.
Supply +5VDC from the A/D converter board via CN1.
This is only available when using the analog E series.
Set JP2 to 1 - 2.
Supply +5V - +9VDC from an external power supply.
Set JP2 to 2 - 3 when using an external power supply.
JP3 - JP26 : Jumpers for voltage or current input selection, input gain
selection, and CJC selection
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
Voltage / current input
selection
JP4
JP7
JP10
JP13
JP16
JP19
JP22
JP25
Input gain selection
JP5
JP8
JP11
JP14
JP17
JP20
JP23
JP26
Cold junction
compensation selection
JP3
JP6
JP9
JP12
JP15
JP18
JP21
JP24
VR1
: Offset voltage adjustment trimmer for CJC circuit.
VR2
: Gain adjustment trimmer for CJC circuit.
Other VR : Trimmers for adjusting offset and gain for each channel.
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
Input Amp. Gain
VR5
VR9
VR13 VR17 VR21 VR25 VR29 VR33
Isolated Amp. Offset
VR3
VR7
VR11 VR15 VR19 VR23 VR27 VR31
Isolated Amp. Gain
VR4
VR8
VR12 VR16 VR20 VR24 VR28 VR32
CP1
: Check pin for adjusting the offset of the CJC circuit.
CP2
: Check pin for adjusting the gain of the CJC circuit.
CP3
: Analog ground.
CP4 - CP11: Check pins for adjusting the input amplifier gains.
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
Input Amp. Output
CP4
CP5
CP6
CP7
CP8
CP9
CP10 CP11
[mm]
CN1
CN2
JP1
VR1
VR2
VR5 VR4
VR9
VR3
VR13 VR12
VR17 VR16
VR21 VR20
VR25 VR24
VR29 VR28
VR33 VR32
VR7
VR11
VR15
VR19
VR23
VR27
VR31
CP4
CP5
CP6
CP7
CP8
CP9
CP10
CP11
7
7
105
8 - φ3.5
25.5
14.5
VR8
8
JP1
9 10 11 12 13 14 15
IN
1 2 3 4 5 6 7
IN
8
0
8
JP1
9 10 11 12 13 14 15
IN
1 2 3 4 5 6 7
IN
8
0
Connect CH0 - CH7 outputs to
CN1 Analog Input 0 - Analog Input 7.
Connect CH0 - CH7 outputs to
CN1 Analog Input 8 - Analog Input 15.
1 2 3
JP2
<From CN1> <External power supply>
1 2 3
JP2
1 2 3
JP5
1 2 3
JP5
Input gain selection (CH0)
<Gain = 1> <Gain = 200>
1 2 3
JP4
1 2 3
JP4
Voltage or current input
selection (CH0)
<Voltage input> <Current input>
JP3
2 3
1
JP3
1 2 3
<Without CJC> <With CJC>
CJC selection (CH0)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com