Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5000 Datasheet(PDF) 1 Page - Analog Devices

Part # FIDO5000
Description  One Chip Many Ethernet Protocols
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5000 Datasheet(HTML) 1 Page - Analog Devices

  FIDO5000 Datasheet HTML 1Page - Analog Devices FIDO5000 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
fido5000: One Chip,
Many Ethernet Protocols
Thomas Brand
Analog Devices, Inc.
Introduction
Nowadays, particularly in the context of the Industrial Internet of Things
(IIoT) or Industry 4.0, many suppliers and manufacturers of industrial
automation technologies are longing for an open, manufacturer-independent
communication platform. Thus, manufacturers expect system-wide
realizations of the increasing amount of automation processes. In conse-
quence, the automation must take the needs of IT systems into account
with regard to open data access, as well as the real-time requirements
of industrial control systems. Ethernet and industrial Ethernet have already
played an important role here. The numerous advantages of this network
technique, such as efficient and synchronous transmission of large data
amounts on a shared transmission medium, are superior to those of con-
ventional fieldbuses. Popular industrial Ethernet protocols like PROFINET,
EtherNet/IP®, EtherCAT®, POWERLINK®, etc., allow for more or less sharing
the same Ethernet medium with conventional protocols like http or TCP/IP.
In this article, the requirements of industrial networks (for example, reliable
data delivery and time synchronization of data) are considered in more
detail. In addition, the fido5000 REM switch from Analog Devices, Inc. (ADI)
will be presented as a possible product solution. This chip is available as
fido5100 and fido5200 variants, with both variants differing only in the
Ethernet protocols they support. The fido5100 supports the major indus-
trial Ethernet protocols except EtherCAT, while the fido5200 supports the
major industrial Ethernet protocols including EtherCAT.
The fido5000 REM Switch
With the fido5000, Analog Devices offers a real-time Ethernet, multiproto-
col (REM) switch chip with two Ethernet ports. Hence, two ports become
today’s industrial devices and future Industry 4.0 applications must
support popular network topologies like line and ring topologies, as well
as star topologies. In addition, it is possible to connect any host processor
so developers have the possibility to use their own processors, as well
as their preferred development environments. All these possibilities and
features of the fido5000 are shown in the Figure 2.
Figure 1. The fido5200 REM switch as a variant of the fido5000. fido5200 supports
the major industrial Ethernet protocols, including EtherCAT.
The communication between the REM chip and the processor works via
memory bus in order to implement high performance, low latency/low
jitter industrial Ethernet. The memory bus also provides the host interface
with PriorityChannel® technology. This filter technology was developed
by ADI and consists of a hardware/software combination. It ensures in-
time processing of critical data from an Ethernet network, independent
of its protocols and network utilization, so there is no interference from
nontime-critical data traffic. This means that data from the real-time
channel has higher processing priority than normal network data. This
PriorityChannel technology is shown in Figure 3, which shows four
queues that give the possibility to do fine adjustment when processing
real-time data.
RAM
Flash
CPU or
SoC
fido5200
Industrial Field Device or Controller Application
PHY
PHY
Application
I/O
Industrial Ethernet
Network
Network and Topology
LLDP
IGMP
MRP
HSR
DCP
DHCP
MRPD
PRP
VLAN
Aging
DLR
RSTP
with PriorityChannel
Technology
Any Protocol
Any Stack
Any Processor
fido1000
QoriIQ
XMC
ARM®
Etc.
Figure 2. Overview of fido5000 features.
Visit analog.com
| Share on Twitter
| Share on LinkedIn
| Email
TECHNICAL ARTICLE


Similar Part No. - FIDO5000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FIDO5100 AD-FIDO5100 Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
FIDO5100 AD-FIDO5100 Datasheet
605Kb / 21P
Real-Time Ethernet Multiprotocol (REM) Switch
Rev. G
FIDO5100BBCZ AD-FIDO5100BBCZ Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
FIDO5100BBCZ AD-FIDO5100BBCZ Datasheet
605Kb / 21P
Real-Time Ethernet Multiprotocol (REM) Switch
Rev. G
FIDO5100CBCZ AD-FIDO5100CBCZ Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results

Similar Description - FIDO5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
logo
AAEON Technology
PER-C10L AAEON-PER-C10L Datasheet
184Kb / 1P
Mini PCI Module With One Ethernet Port
PER-C11L AAEON-PER-C11L Datasheet
137Kb / 1P
Mini PCIe Module With One Ethernet Port and One USB Port
logo
MRV Communications, Inc...
EM316T3E3-XY MRV-EM316T3E3-XY Datasheet
1Mb / 4P
Many optional functions in one single module
logo
ELM Electronics
ELM327LP ELM-ELM327LP Datasheet
471Kb / 94P
Automatically searches for protocols
logo
Level One
FVS-3800 LVL1-FVS-3800 Datasheet
1Mb / 3P
ICMP and ARP protocols supported
logo
Greenliant systems
GLS37VF010 GREENLIANT-GLS37VF010 Datasheet
612Kb / 17P
Many-Time Programmable Flash
GLS27SF512 GREENLIANT-GLS27SF512 Datasheet
951Kb / 23P
Many-Time Programmable Flash
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
Embedded PC with different Ethernet protocols
logo
Ultralife Corporation.
BA-5347U ULTRALIFE-BA-5347U Datasheet
278Kb / 2P
Many other military applications
08 OCT 20 Rev: K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com