Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FSR400
Description  Actuation Force as low as 0.1N and sensitivity range to 10N
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSR400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FSR400 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.interlinkelectronics.com
Device Characteristics
Feature
Condition
Value*
Notes
Actuation Force
0.1 Newtons
Force Sensitivity Range
0.1 - 10.0
2
Newtons
Force Repeatability3
(Single part) ± 2%
Force Resolution3
continuous
Force Repeatability3
(Part to Part)
±6%
Non-Actuated Resistance
10M W
Size
7.62mm diameter
Thickness Range
0.2 - 1.25 mm
Stand-Off Resistance
>10M ohms
Unloaded, unbent
Switch Travel
(Typical)
0.05 mm
Depends on design
Hysteresis3
+10%
(R
F+ - RF-)/RF+.
Device Rise Time
<3 microseconds
measured w/steel ball
Long Term Drift
<5% per log
10(time)
35 days test, 1kg load
Temp Operating Range
(Recommended)
-30 - +70 ºC
Number of Actuations
(Life time)
10 Million tested
Without failure
* Specifications are derived from measurements taken at 1000 grams, and are given as one standard
deviation / mean, unless otherwise noted.
1.
Max Actuation force can be modified in custom sensors.
2.
Force Range can be increased in custom sensors. Interlink Electronics have designed and
manufactured sensors with operating force larger than 50Kg.
3.
Force sensitivity dependent on mechanics, and resolution depends on measurement electronics.
Applications
Detect & qualify press
Sense whether a touch is
accidental or intended by
reading force
Use force for UI feedback
Detect more or less user
force to make a more intuitive
interface
Enhance tool safety
Differentiate a grip from a touch
as a safety lock
Find centroid of force
Use multiple sensors to
determine centroid of force
Detect presence, position, or
motion
Of a person or patient in a bed,
chair, or medical device
Detect liquid blockage
Detect tube or pump occlusion
or blockage by measuring back
pressure
Detect proper tube
positioning
Many other force
measurement applications
FSR 400
P/N: 30-49649



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com