Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Single chip USB to asynchronous serial data transfer interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 38Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 39Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 40Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
Copyright © Future Technology Devices International Limited
40
FT232R USB UART IC Datasheet
Version 2.16
Document No.: FT_000053 Clearance No.: FTDI# 38
Revision
Changes
Date
Version 2.05
Modified package dimensions to 5.0 x 5.0 +/-0.075mm and
Solder paste diagram to 2.50 x 2.50 +/-0.0375mm
Added Windows 7 32, 64 bit driver support
Added FT_PROG utility references
Added Appendix A-references. Figure 2.1 updated.
Updated USB-IF TID for Rev B
December 2009
Version 2.06
Updated section 6.2, Figure 6.2 and the note, Updated
section 5.3, Table 5.13, EEPROM data retention time
May 2010
Version 2.07
Added USB Certification Logos
July 2010
Version 2.08
Updated USB-IF TID for Rev C
April 2011
Version 2.09
Corrected Rev C TID number
April 2011
Version 2.10
Table 3.9, added clock output frequency within ±0.7%
Edited Table 3.9, TXLED# and TXLED# Description
Added feedback links
March 2012
Version 2.11
Added thermal characteristics (Section 5.5)
Added section 10 highlighting alternative solutions from
FTDI
April 2015
Version 2.12
Updated the links under section A – References – Useful
Application Notes
Updated list of OS with supported drivers
August 2015
Version 2.13
Update Typo error in section heading 7.2 USB to RS485
Converter
2015-11-18
Version 2.14
Changes made to Bit bang WRn CBUS signal availability in
Table 3.9
.
2018-06-27
Version 2.15
Updated Fig.3.2 QFN-32 Package Pin Out and schematic
symbol
Updated Fig.9.1 SSOP-28 Package Dimensions
Updated Fig.9.2 QFN-32 Package Dimensions
Deleted QFN-32 Package Typical Pad Layout and QFN-32
Package Typical Solder Paste Diagram sections
2019-04-04
Version 2.16
Added note about revision letter in the package marking
pages (Package Parameters section 9)
2020-05-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com