Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2PC-PE Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-2PC-PE
Description  RS-232C Isolated Serial I/O Board for PCI Express 2ch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PC-PE Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-2PC-PE Datasheet HTML 1Page - Contec Co., Ltd COM-2PC-PE Datasheet HTML 2Page - Contec Co., Ltd COM-2PC-PE Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.01
COM-2PC-PE
3
Connecting directly to the port connector
When connecting directly from the connector on the board to the
external device, use the appropriate cable which can be
purchased separately.
If making your own cable, use a
CN5-D9F or similar connector which can be purchased
separately.
< Pin Assignment >
CN1
CN2
1
6
5
9
6
9
1
5
- Connector used
DELC-J9PAF-20L9E (mfd. by JAE, Male)equivalent
- Applicable connector
17JE-13090-02(D8C)-A-CG (mfd. by DDK, Male)
CN5-D9F (mfd. by CONTEC, Male) (Five connector set)
Screw nut: UNC#4-40(inch screw)
CN1
1
2
3
4
5
6
7
8
9
DCD1 Data Carrier Detect
RxD1 Receive Data
TxD1 Transmit Data
DTR1 Data Terminal Ready
SG1
Signal Ground
Data Set Ready DSR1
Request to Send RTS1
Clear to Send CTS1
Ring Indicator
RI1
CN2
1
2
3
4
5
6
7
8
9
DCD2 Data Carrier Detect
RxD2 Receive Data
TxD2 Transmit Data
DTR2 Data Terminal Ready
SG2
Signal Ground
Data Set Ready DSR2
Request to Send RTS2
Clear to Send CTS2
Ring Indicator
RI2
< Connection cable (Option) >
RS-232C Straight Cable with D-SUB9P (1.8m) : RSS-9M/F
RS-232C Cross Cable with D-SUB9P (1.8m)
: RSC-9F
RS-232C Connection Conversion
Straight Cable (25M
9F, 1.8m)
: RSS-25M/9F
RS-232C Connection Conversion
Cross Cable (25F
9F, 1.8m)
: RSC-25F/9F
When using an RS-232C interface, different cables are required
depending on the type of device to which you are connecting
(computer or modem, etc.).
Check the requirements of the
external device and select either a straight-through or crossed
(null modem) cable as appropriate.
If special treatment of the
signal lines in the connector is required, ensure that this is done
in accordance with the specifications.
Example Connection to a Modem (Straight cable)
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
(Transmit Data)
(Receive Data)
(Request to Send)
(Clear to Send)
(Data Terminal Ready)
(Data Set Ready)
(Signal Ground)
External device
Example Connection to a PC (Cross cable)
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
External device
Example Connection to a Device
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
External device
External Connection
Types of Cable and Example Connections
Types of Cable and Example Connections



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com