Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E81 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E81
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E81 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E81 Datasheet HTML 1Page - Gilway Technical Lamp E81 Datasheet HTML 2Page - Gilway Technical Lamp E81 Datasheet HTML 3Page - Gilway Technical Lamp E81 Datasheet HTML 4Page - Gilway Technical Lamp E81 Datasheet HTML 5Page - Gilway Technical Lamp E81 Datasheet HTML 6Page - Gilway Technical Lamp E81 Datasheet HTML 7Page - Gilway Technical Lamp E81 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Surface Mount, Gull Wing LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E90
Clear
200.0mcd 1000.0mcd
30°
1.85V
2.50V
660nm
A
2
E91
Clear
20.0mcd 100.0mcd
30°
2.00V
2.50V
625nm
B
3
E92
Clear
20.0mcd
70.0mcd
30°
2.10V
2.50V
590nm
B
4
E95
Clear
700.0mcd 1300.0mcd
30°
2.00V
2.50V
595nm
B
5
E93
Clear
20.0mcd
70.0mcd
30°
2.20V
2.50V
565nm
B
6
E94
Clear
10.0mcd
40.0mcd
30°
2.25V
2.60V
555nm
B
Tape & Reel packaging is standard, 1,000 LEDs per reel.
Recommended soildering pad, see page 84, number 2.
B
A
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• GREEN
ULTRA BRIGHT
• YELLOW
• YELLOW
PURE
• GREEN
Surface Mount LEDs (Rectangular Lens)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
7
E80
Translucent
70mcd
100mcd
90°
1.85V
2.50V
660nm
C
Red
8
E81
Translucent
12.5mcd
20.0mcd
90°
2.00V
2.50V
625nm
D
Red
9
E82
Translucent
5.0mcd
20.0mcd
90°
2.10V
2.50V
590nm
D
Yellow
10
E83
Translucent
8.0mcd
20.0mcd
90°
2.20V
2.50V
565nm
D
Green
Tape & Reel packaging is standard, 1500 LEDs per reel.
Recommended soldering pad, page 84, number 3.
D
C
• YELLOW
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• GREEN
54



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com