Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # ELC
Description  Low Voltage Tungsten Halogen Lamps with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ELC Datasheet(HTML) 1 Page - OSRAM GmbH

  ELC Datasheet HTML 1Page - OSRAM GmbH ELC Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO106 R7
Product Information Bulletin
ELC
ELC / 64653 HLX
ELC-3/X
ELC-7/X
Low Voltage Tungsten Halogen
Lamps with Reflector
•
Full series of ELC lamps
•
Dichroic coated glass reflector (MR16)
•
Rugged design
•
The ELC 64653 HLX, ELC-3/X and
ELC-7/X use OSRAM XENOPHOT
technology (Xenon fill gas)
•
New ELC-7/X lamp with 700 hrs. service
life
TECHNICAL DATA
Applications
•
Overhead Projection
•
Fiber-Optic
•
Entertainment
WARNING
This lamp emits ultraviolet (UV)
radiation and operates at high
internal pressure. Before use, read
the complete warning accompanying
the product.
Disposal
When disposing of spent lamps,
always consult federal, state, local
and provincial hazardous waste
disposal rules and regulations to
ensure proper disposal.
Ordering Abbreviation
ELC
ELC / 64653
HLX
ELC-3/X
ELC-7/X
Electrical Data:
Watts
W
250
250
250
250
Voltage
V
24
24
24
24
Photometric Data:
Screen Lumens
lm
800
800
550
475
Geometrical Data:
Length l Max.
mm
44.83
44.5
44.83
44.83
Working Distance a
mm
31.75
35.0
31.75
31.75
Diameter d
mm
51
51
51
51
Other Data:
Average Service Life
hrs
50
50
300
700
Color Temperature
K
3400
3400
3250
3200
Base
GX 5.3
GX 5.3
GX 5.3
GX 5.3
Bulb
T3.5
T3.5
T3.5
T3.5
Operating Position
Any
p 90/15
Any
Any
APPLICATION INFORMATION
l
a


Similar Part No. - ELC

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
ELC MULTICOMP-ELC Datasheet
236Kb / 1P
Dichroic Reflector GX5.3 Base Lamp
06/06/12 V1.0
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
Adoption of High -m and High Bm ferrite cores
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
Choke Coils
ELC-09D180DF PANASONIC-ELC-09D180DF Datasheet
136Kb / 7P
Examples Type 06D
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
Choke Coils
More results

Similar Description - ELC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54021 GILWAY-54021 Datasheet
30Kb / 2P
20 watt, tungsten halogen low voltage without reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
75 watt, tungsten halogen, low to medium voltage with reflector.
54409 GILWAY-54409 Datasheet
46Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54730 GILWAY-54730 Datasheet
46Kb / 2P
200 watt, tungsten halogen, low to medium voltage with reflector
54737 GILWAY-54737 Datasheet
46Kb / 2P
80 watt, tungsten halogen, low to medium voltage with reflector
54840 GILWAY-54840 Datasheet
35Kb / 2P
250 watt, tungsten halogen, low to medium voltage with reflector
58786 GILWAY-58786 Datasheet
37Kb / 2P
50 watt, tungsten halogen, low to medium voltage with reflector
logo
OSRAM GmbH
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com