Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7600CE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM7600CE
Description  Quad-Band TDD-LTE B38/B39/B40/B41 Dual-Band TD-SCDMA B34/B39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM7600CE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM7600CE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version:1001
All specifications are subject to change without prior notice.
The SIM7600CE is Multi-Band LTE-TDD/LTE-FDD/HSPA+/TD-SCDMA/EVDO and Dual-Band GSM/GPRS/EDGE
module solution in a SMT type which supports LTE CAT4 up to 150Mbps for downlink data transfer.
It has strong extension capability with rich interfaces including UART, USB2.0, SPI, I2C, GPIO etc. With abundant
application capability like TCP/UDP/FTP/FTPS/HTTP/HTTPS/SMTP/POP3 and MMS, the module provides much
flexibility and ease of integration for customer's application.
SIM7600CE
Smart Machine Smart Decision
General features
• Quad-Band TDD-LTE B38/B39/B40/B41
• Tri-Band FDD-LTE B1/B3/B8
• Dual-Band TD-SCDMA B34/B39
• Dual-Band UMTS/HSDPA/HSPA+ B1/B8
•CDMA 1X/EVDO BC0
• GSM/GPRS/EDGE 900/1800 MHz
• Control Via AT Commands
• Supply voltage range: 3.4V~ 4.2V
• Operation temperature: -40℃ to +85℃
• Dimension: 30*30*2.9 mm
• Weight: 5.5g
• GNSS gpsOne Gen 8B;standalone;assisted,XTRA;
Specifications for Data transfer
• LTE CAT4
- Uplink up to 50Mbps,
- Downlink up to 150Mbps
• TD-SCDMA
- Uplink up to 128Kbps,
- Downlink up to 384Kbps
• TD-HSDPA/HSUPA
- Uplink up to 2.2 Mbps,
- Downlink up to 2.8 Mbps
• HSPA+
- Uplink up to 5.76 Mbps,
- Downlink up to 42 Mbps
• UMTS
- Uplink/Downlink up to 384Kbps
• EDGE Class
- Uplink/Downlink up to 236.8Kbps
• GPRS
- Uplink/Downlink up to 85.6Kbps
Other features
• USB Driver for Microsoft Windows
2000/XP/Vista/Win7/Win8
• USB Driver for Windows CE/Mobile
• USB Driver for Linux /Android
• RIL supporting for Android/Windows CE/Mobile
• Automatic installation for windows
• Linux API SDK
• Firmware update via USB
• TCP/IP/IPV4/V6 Multi-PDP,MT PDP
• FTP/FTPS/HTTP/HTTPS/SMTP/POP3/DNS/MMS
• DTMF
• MBIM to Win8
• Source code of the PC manager of the device for
reference
Interfaces
• USB2.0
• UART
• SIM card
• SPI
• I2C
• Constant current sink
• GPIO
• ADC
• PCM
• SDIO
Certifications
• CCC
• TA
• CTA (ongoing)
• ROHS (plan)
• REACH (plan)


Similar Part No. - SIM7600CE

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIM765170 CELDUC-SIM765170 Datasheet
277Kb / 4P
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
More results

Similar Description - SIM7600CE

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77910-11 SKYWORKS-SKY77910-11 Datasheet
91Kb / 2P
SkyLiTE Tx-Rx FEM for Quad-Band GSM / GPRS EDGE w/ Eight Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
SKY77916-11 SKYWORKS-SKY77916-11 Datasheet
96Kb / 2P
Tx-Rx FEM for Quad-Band GSM /GPRS / EDGE w/ 14 Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
logo
Broadcom Corporation.
ACPM-9001-LT1 BOARDCOM-ACPM-9001-LT1 Datasheet
169Kb / 3P
LTE/UMTS Band 1, TD-SCDMA/LTE
logo
Skyworks Solutions Inc.
SKY77360-12A SKYWORKS-SKY77360-12A Datasheet
81Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE / TD-SCDMA / TDD LTE
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10052G5W37N2T WALSIN-RFBLN10052G5W37N2T Datasheet
547Kb / 7P
LTE B40/B41 Band Application Band Working Frequency
RFBLN10052G5WM9T16 WALSIN-RFBLN10052G5WM9T16 Datasheet
565Kb / 7P
LTE B40/B41 Band Application Band Working Frequency
RFBLN16082G5W38Q1C WALSIN-RFBLN16082G5W38Q1C Datasheet
567Kb / 7P
LTE B38/B40 Band Working Fequency
RFLPF16081G8D78Q1C WALSIN-RFLPF16081G8D78Q1C Datasheet
568Kb / 7P
LTE B33/B34/B36/B37/B39 RF Application
logo
Broadcom Corporation.
ACPM-9301 BOARDCOM-ACPM-9301 Datasheet
165Kb / 3P
TD-SCDMA/LTE B34/B39 MIPI APT PA 2.0 mm 횞 2.5 mm Power Amplifier Module
logo
Murata Manufacturing Co...
SAFEA2G01MA0F0A MURATA1-SAFEA2G01MA0F0A Datasheet
276Kb / 8P
SAW FILTER FOR TD-SCDMA/TD-LTE B34 (Post-PA)
Feb. 11, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com