Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO112 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # FO112
Description  Product Information Bulletin CAX Mains-Voltage Halogen Lamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

FO112 Datasheet(HTML) 1 Page - OSRAM GmbH

  FO112 Datasheet HTML 1Page - OSRAM GmbH FO112 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO112 R1
Product Information Bulletin
CAX
Mains-Voltage Halogen Lamp
CAX
(NAED 58831)
Mains-Voltage Halogen Lamp
Single-ended T-4 quartz halogen
glass
Whiter brighter usable light
Long service life 250 vs 50
compared to the incandescent
version
Rugged innovative halogen mount
design
Higher color temperature 3000 vs
2900 K
250 Watts vs 50 Watts
Application Information
Applications
Microscopes
Ophthalmic projectors (eye chart)
Projector Audiovisual (AV)
Slide and filmstrip
Control reader
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.
Technical Data
Lamp / order reference
(Product ordering number)
CAX
(58831)
Electrical data:
Rated lamp wattage (power)
50
W
Rated lamp voltage
120
V
Photometric data:
Luminous flux
750
lm
Color temperature
3,000
K
Geometrical data:
Lamp length (l)
61.9
mm
Diameter (d)
12.7
mm
LCL (a)
34.9
mm
Other data:
Average service life
250
hrs
Base
Ba15d
Coil
CC2V
Bulb
T-4 quartz glass
Operating limits:
max. bulb temperature
min. bulb temperature
max. seal temperature
900
250
350
°C
°C
°C
Operating position
any


Similar Part No. - FO112

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
More results

Similar Description - FO112

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Gilway Technical Lamp
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
Product Information Bulletin LINEARlight LED Modules
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
Product Information Bulletin LINEARlight OPTICS
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
GTL-OS-70108 GILWAY-GTL-OS-70108 Datasheet
369Kb / 4P
Product Information Bulletin DRAGONpuck LED Module
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
Product Information Bulletin DRAGONtape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com