Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040-150T Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS29F040-150T
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-150T Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS29F040-150T Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F040-150T Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
®
$65<)373
$65<)373
$65<)373
$65<)373
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
46
46
46
46
0DUFK#5333
0DUFK#5333
0DUFK#5333
0DUFK#5333
$&#SDUDPHWHUV#³#ZULWH#F\FOH
:(#FRQWUROOHG
:ULWH#ZDYHIRUP
:(#FRQWUROOHG
JEDEC
Symbol
Std
Symbol
Parameter
-55
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Write cycle time
55
-
70
-
90
-
120
-
150
-
ns
tAVWL
tAS
Address setup time
0
-
0
-
0
-
0
-
0
-
ns
tWLAX
tAH
Address hold time
40
-
45
-
45
-
50
-
50
-
ns
tDVWH
tDS
Data setup time
25
-
30
-
45
-
50
-
50
-
ns
tWHDX
tDH
Data hold time
0
-
0-
0-
0-
0-
ns
tOES
Output enable setup time
0
-
0
-
0
-
0
-
0
-
ns
tOEH
Output enable hold time:
Toggle and DATA polling
10
-
10
-
10
-
10
-
10
-
ns
tGHWL
tGHWL
Read recover time before write
0
-
0
-
0
-
0
-
0
-
ns
tELWL
tCS
CE setup time
0
-
0-
0-
0-
0-
ns
tWHEH
tCH
CE hold time
0
-
0-
0-
0-
0-
ns
tWLWH
tWP
Write pulse width
35
-
35
-
45
-
50
-
50
-
ns
tWHWL
tWPH
Write pulse width high
20
-
20
-
20
-
20
-
20
-
ns
tWHWH1
tWHWH1
Programming pulse time
15
-
15
-
15
-
15
-
15
-
µs
tWHWH2
tWHWH2
Erase operation
0.3
-
0.3
-
0.3
-
0.3
-
0.3
-
sec
Addresses
CE
OE
WE
DATA
VSS
tWC
tAS
tAH
tGHWL;tOES
tWP
tCS
tWPH
tDH
tWHWH1 or 2
tDS
DQ7
DOUT
Program
5555h
Program address
Program address
3rd bus cycle
tCH
DATA polling
data
A0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com