Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

58831 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 58831
Description  Product Information Bulletin CAX Mains-Voltage Halogen Lamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

58831 Datasheet(HTML) 1 Page - OSRAM GmbH

  58831 Datasheet HTML 1Page - OSRAM GmbH 58831 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO112 R1
Product Information Bulletin
CAX
Mains-Voltage Halogen Lamp
CAX
(NAED 58831)
Mains-Voltage Halogen Lamp
•
Single-ended T-4 quartz halogen
glass
•
Whiter brighter usable light
•
Long service life 250 vs 50
compared to the incandescent
version
•
Rugged innovative halogen mount
design
•
Higher color temperature 3000 vs
2900 K
•
250 Watts vs 50 Watts
Application Information
Applications
•
Microscopes
•
Ophthalmic projectors (eye chart)
•
Projector Audiovisual (AV)
•
Slide and filmstrip
•
Control reader
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.
Technical Data
Lamp / order reference
(Product ordering number)
CAX
(58831)
Electrical data:
Rated lamp wattage (power)
50
W
Rated lamp voltage
120
V
Photometric data:
Luminous flux
750
lm
Color temperature
3,000
K
Geometrical data:
Lamp length (l)
61.9
mm
Diameter (d)
12.7
mm
LCL (a)
34.9
mm
Other data:
Average service life
250
hrs
Base
Ba15d
Coil
CC2V
Bulb
T-4 quartz glass
Operating limits:
max. bulb temperature
min. bulb temperature
max. seal temperature
900
250
350
°C
°C
°C
Operating position
any


Similar Part No. - 58831

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
588 ADAFRUIT-588 Datasheet
104Kb / 2P
EL wire starter pack - Pink 2.5 meter (8.2 ft)
7/24/2015
logo
MG Chemicals
588 MG-CHEMICALS-588 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
logo
Heyco.
5880 HEYCO-5880 Datasheet
134Kb / 1P
.187˝ Diameter Ground Pins - Male
logo
FIBOX Enclosing innovat...
5880059 FIBOX-5880059 Datasheet
63Kb / 2P
Enclosure, PC
11.01.2023
5880060 FIBOX-5880060 Datasheet
68Kb / 2P
Enclosure, ABS
11.01.2023
More results

Similar Description - 58831

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Gilway Technical Lamp
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
Product Information Bulletin LINEARlight LED Modules
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
Product Information Bulletin LINEARlight OPTICS
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
GTL-OS-70108 GILWAY-GTL-OS-70108 Datasheet
369Kb / 4P
Product Information Bulletin DRAGONpuck LED Module
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
Product Information Bulletin DRAGONtape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com