Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC48F2P0VT00 Datasheet(PDF) 8 Page - Intel Corporation

Part # RC48F2P0VT00
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RC48F2P0VT00 Datasheet(HTML) 8 Page - Intel Corporation

Back Button RC48F2P0VT00 Datasheet HTML 4Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 5Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 6Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 7Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 8Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 9Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 10Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 11Page - Intel Corporation RC48F2P0VT00 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
8
Order Number: 306666, Revision: 001
1.3
Conventions
RFU :
Reserved for Future Use
SR :
Status Register
WSM :
Write State Machine
VCC :
Signal or voltage connection
VCC :
Signal or voltage level
0x :
Hexadecimal number prefix
0b :
Binary number prefix
SR[4] :
Denotes an individual register bit.
A[15:0] :
Denotes a group of similarly named signals, such as address
or data bus.
A5 :
Denotes one element of a signal group membership, such as
an individual address bit.
Bit :
Binary unit
Byte :
Eight bits
Word :
Two bytes, or sixteen bits
Kbit :
1024 bits
KByte :
1024 bytes
KWord :
1024 words
Mbit :
1,048,576 bits
MByte :
1,048,576 bytes
MWord :
1,048,576 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com