Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54162 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 54162
Description  Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54162 Datasheet(HTML) 1 Page - OSRAM GmbH

  54162 Datasheet HTML 1Page - OSRAM GmbH 54162 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO115 R1
Product Information Bulletin
64635 HLX
Tungsten-Halogen Lamp
64635 HLX
(NAED 54162)
Tungsten-Halogen Lamp
Tungsten halogen infrared lamp (IR)
Quartz halogen capsule
MR 16 reflector with gold coating
Optimised for IR output
HLX, XENOPHOT
® technology
-
Xenon gas fill
-
up to 10% more light / lumens
Application Information
Applications
Heating / infrared
-
temperature at focus point
approximately 1,300
°C
Soldering
Welding
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.
Technical Data
Lamp / order reference
(Product ordering number)
64635 HLX
(54162)
Electrical data:
Rated lamp wattage (power)
150
W
Rated lamp voltage
15
V
Geometrical data:
Length l max
45
mm
Diameter d
51
mm
Working distance a
19
mm
Other data:
Average service life
50
hrs
Base
GZ 6.35
Coating
Gold
Operating position
p90


Similar Part No. - 54162

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
541626 ALPHAWIRE-541626 Datasheet
97Kb / 4P
Customer Specification
2/22/2023
More results

Similar Description - 54162

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
Product Information Bulletin CAX Mains-Voltage Halogen Lamp
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Gilway Technical Lamp
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
Product Information Bulletin LINEARlight LED Modules
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
Product Information Bulletin LINEARlight OPTICS
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
GTL-OS-70108 GILWAY-GTL-OS-70108 Datasheet
369Kb / 4P
Product Information Bulletin DRAGONpuck LED Module
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
Product Information Bulletin DRAGONtape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com