Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232R Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # TTL-232R
Description  TTL to USB Serial Converter Range of Cables
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button TTL-232R Datasheet HTML 13Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 14Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 15Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 16Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 17Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 18Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 19Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 20Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Copyright © Future Technology Devices International Limited
16
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.03
Clearance No.: FTDI# 53
6 TTL-232R-5V-WE and TTL-232R-3V3-WE Cables
The TTL-232R-5V-WE and TTL-232R-3V3-WE cables are both un-terminated; they are bare and tinned
wires. The difference between the two cables is that the TTL-232R-5V-WE operates at +5V levels (signals
and power supply) and the TTL-232R-3V3-WE operates at +3.3V levels (signals only, VCC=+5V).
6.1 TTL-232R-5V-WE, TTL-232R-3V3-WE Connections and Mechanical
Details
The following Figure 6.1 shows the cable signals and the wire colours for these signals on the TTL-232R-
5V-WE and TTL-232R-3V3-WE cables.
Figure 6.1 TTL-232R-5V-WE and TTL-232R-3V3-WE Connections
Figure 6.2 TTL-232R-5V-WE and TTL-232R-3V3-WE Mechanical Details (dimensions in mm)
6.2 TTL-232R-5V-WE and TTL-232R-3V3-WE Cable Signal Descriptions
Colour
Name
Type
Description
Black
GND
GND
Device ground supply pin.
Brown
CTS#
Input
Clear to Send Control input / Handshake signal.
Red
VCC
Output
+5V output
Orange
TXD
Output
Transmit Asynchronous Data output.
Yellow
RXD
Input
Receive Asynchronous Data input.
Green
RTS#
Output
Request To Send Control Output / Handshake signal.
Table 6.1 TTL-232R-5V-WE and TTL-232R-3V3-WE Cable Signal Descriptions
6.3 TTL-232R-5V-WE and TTL-232R-3V3-WE Electrical Parameters
GND
CTS#
VCC
TXD
RXD
RTS#
1
2
3
4
5
6
CABLE 1.8m
VCC
1
2
3
4
5
6
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com