Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F200B-90SC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS29F200B-90SC
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200B-90SC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS29F200B-90SC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
®
$65<)533
$65<)533
$65<)533
$65<)533
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
8888
:ULWH#RSHUDWLRQ#VWDWXV
†
Toggles with OE or CE only for erasing or erase suspended sector addresses.
‡
Toggles only if DQ5 = 1 and address applied is within sector that exceeded timing limits.
DQ8–DQ15 = Don’t care in ×16 mode.
&RPPDQG#GHILQLWLRQV
Status
DQ7
DQ6
DQ5
DQ3
DQ2
RY/BY
In progress
Auto programming (byte/word)
DQ7
Toggle
0
0
No toggle
0
Program/erase in auto erase
0
Toggle
0
1
Toggle†
0
Erase
suspend
mode
Read erasing sector
1
No toggle
0
0
Toggle
1
Read non-erasing
sector
Data
Data
Data
Data
Data
1
Program in erase
suspend
DQ7
Toggle
0
0
Toggle
†
0
Exceeded time limits
Auto programming (byte/word)
DQ7
Toggle
1
NA
No toggle
1
Program/erase in auto erase
0
Toggle
1
1
Toggle
‡
1
Program in erase suspend
DQ7
Toggle
1
NA
No toggle‡
1
Item
Description
Reset/Read
Initiate read or reset operations by writing the Read/Reset command sequence into the command
register. This allows the microprocessor to retrieve data from the memory. Device remains in read
mode until command register contents are altered.
Device automatically powers up in read/reset state. This feature allows only reads, therefore
ensuring no spurious memory content alterations during power up.
ID Read
AS29F200 provides manufacturer and device codes in two ways. External PROM programmers
typically access the device codes by driving +12V on A9. AS29F200 also contains an ID read
command to read the device code with only +5V, since multiplexing +12V on address lines is
generally undesirable.
Initiate device ID read by writing the ID Read command sequence into the command register.
Follow with a read sequence from address XX00h to return MFG code. Follow ID read command
sequence with a read sequence from address XX01h to return device code.
To verify write protect status on sectors, read address XX02h. Sector addresses A16–A12 produce a
1 on DQ0 for protected sector and a 0 for unprotected sector.
Exit from ID read mode with Read/Reset command sequence.
Hardware Reset
Holding RESET low for 500 ns resets the device, terminating any operation in progress; data
handled in the operation is corrupted. The internal state machine resets 20 µs after RESET is driven
low. RY/BY remains low until the RESET operation is completed. After RESET is set high, there is a
delay of 1.5 µs for the device to permit read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com