Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54050 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 54050
Description  Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54050 Datasheet(HTML) 1 Page - OSRAM GmbH

  54050 Datasheet HTML 1Page - OSRAM GmbH 54050 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO125 R1
Product Information Bulletin
Microscope LV Lamps
Low Voltage Tungsten Halogen Lamps (Microscope)
Microscope LV Lamps
(NAED 54050, 54025, 54019,
53999, 54023, 54138, 54034,
54028,54032, 54052, 54036)
Low Voltage Tungsten Halogen
Lamps (Microscope)
Single end quartz glass
Legendary OSRAM halogen quality
XENOPHOT
® technology
-
up to 10% higher luminous flux
Square filament types
-
more even illumination
Long life version
G4 / PG22 / G6.35 / GY6.35 bases
Technical Data
Lamp / order
reference
ANSI
NAED Rated
wattage
(W)
Rated
voltage
(V)
Luminous
flux
(lm)
LCL
a
(mm)
MOL
l
(mm)
Diameter
d
(mm)
Filament
dimensions
(w x h) (mm)
Base Average
service
life (hrs)
Operating
position
64223
54050
10
6
150
24
38
9
1.5 x 0.7
G4
300
Any
64225
ESA/FHD 54025
10
6
200
19.5
31
9
1.7 x 0.65
G4
100
Any
64250 HLX
ESB
54019
20
6
480
19.5
31
9
2.3 x 0.8
G4
100
Any
New64265 HLX
53999
30
6
765
19.5
31
9
1.5 X 1.5
G4
100
Any
64261
54023
30
12
750
30
44
11.5
2.6 x 1.3
G6.35
50
Any
64602
54138
50
12
1000
30
44
11.5
3.0 x 3.0
G6.35
1100
s90
64610 HLX
BRL
54034
50
12
1600
30
44
11.5
3.3 x 1.6
G6.35
50
s90
64611 HLX
54028
50
12
1350
30
44
11.5
3.3 x 1.6
G6.35
100
s90
64621 HLX
54032
100
12
2,750
18
48
11.5
4.7 x 2.7
PG22
2,000
s90
64623 HLX
EVA
54052
100
12
2800
30
44
11.5
4.7 x 2.7
GY6.35
2000
s90
64625 HLX
FCR
54036
100
12
3600
30
44
11.5
4.2 x 2.3
GY6.35
50
s90


Similar Part No. - 54050

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
540500 LEMO-540500 Datasheet
85Kb / 4P
S - Indoor Stepped Insert
540500 LEMO-540500 Datasheet
76Kb / 3P
S - Indoor Stepped Insert
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
fire alarm markets leading conventional sounder
logo
Murata Manufacturing Co...
54050C MURATA-54050C Datasheet
114Kb / 2P
15A Current Sensing Transformers
logo
Murata Power Solutions ...
54050C MURATA-PS-54050C Datasheet
131Kb / 3P
15A Current Sensing Transformers
2021
More results

Similar Description - 54050

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54466 OSRAM-54466 Datasheet
116Kb / 2P
Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
Product Information Bulletin CAX Mains-Voltage Halogen Lamp
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
Mini Microscope
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com