Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF2060 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF2060
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF2060 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF2060 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2060 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2060 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2060 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2060 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
60
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
42
A
IDM
Pulsed Drain Current
210
A
EAS
Single Pulse Avalanche Energy
2
00
mJ
IAS
Avalanche Current
4
1
A
PD@TC=25℃
Total Power Dissipation
4
60
W
TSTG
Storage Temperature Range
-55 to 1
50
℃
TJ
Operating Junction Temperature Range
-55 to 1
50
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient (Steady State)
---
62
℃
/W
RθJA
Thermal Resistance Junction-Ambient (t
≤10s)
---
25
℃
/W
RθJC
Thermal Resistance Junction-Case
---
2.1
℃
/W
BVDSS
RDSON
ID
20V
3.9mΩ
60A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO
-252 Pin Configuration
Product Summery
WSF2060
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WSF2060 is the highest performance
trench N-ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the synchronous buck
converter applications .
The WSF2060 meet the RoHS and
Green Product requirement , 100% EAS
guaranteed with full function reliability
approved.


Similar Part No. - WSF2060

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
Power switching application
More results

Similar Description - WSF2060

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com