Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF6012 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF6012
Description  N&P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF6012 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF6012 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF6012 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rating
Symbol
Parameter
N-Channel P-Channel
Units
VDS
Drain-Source Voltage
60
-60
V
VGS
Gate-Sou
rce Voltage
±
20
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
20
-
15
A
ID@TC=
70℃
Continuous Drain Current, VGS @ 10V
1
15
-
10
A
IDM
Pulsed Drain Current
2
46
-36
A
EAS
Single Pulse Avalanche Energy
3
200
180
mJ
IAS
Avalanche Current
59
-50
A
PD@TC=25℃
Total Power Dissipation
4
34.7
34.7
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
85
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
50
℃
/W
BVDSS
RDSON
ID
60V
28mΩ
20A
-60V
46mΩ
-
15A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter.
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
Product Summery
WSF6012
N&P-Channel MOSFET
Page 1
www.winsok.tw
Dec.2014
The WSF6012 is the highest performance
trench N-ch and P-ch MOSFET with extreme
high cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
The WSF6012 meet the RoHS and Green
Product requirement , 100% EAS
guaranteed with full function reliability
approved.
TO-252-4L Pin Configuration
S1
G1
D1/D2
S2
G2


Similar Part No. - WSF6012

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF60100 WIINSOK-WSF60100 Datasheet
580Kb / 5P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF60100 DOINGTER-WSF60100 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - WSF6012

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
N P Channel MOSFET
FDS8958 UMW-FDS8958 Datasheet
587Kb / 9P
NP-Channel MOSFET
IRF9389TR UMW-IRF9389TR Datasheet
466Kb / 13P
NP-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com