Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99446 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM2I99446
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99446 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM2I99446 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
July 2005
ASM2I99446
rev 0.4
2.5V and 3.3V LVCMOS Clock Distribution Buffer
3 of 14
Notice: The information in this document is subject to change without notice.
Table 1: Pin Configuration
Pin Number
Pin
I/O
Type
Function
3,4
CCLK0, CCLK1
Input
LVCMOS
LVCMOS clock inputs
5,6,7
FSELA, FSELB, FSELC
Input
LVCMOS
Output bank divide select input
32
MR/OE
Input
LVCMOS
Internal reset and output (high impedance)
control
8,11,15,20,24,27,31
GND
-
Supply
Negative voltage supply (GND)
25,29
18,22
9,13,17
VCCA,
VCCB,
VCCC
-
Supply
Positive voltage supply for output banks
2
VCC
-
Supply
Positive voltage supply for core (VCC)
30,28, 26
QA0 - QA2
Output
LVCMOS
Bank A outputs
23,21,19
QB0 - QB2
Output
LVCMOS
Bank B outputs
10,12,14,16
QC0 - QC3
Output
LVCMOS
Bank C outputs
Note: VCCB is internally connected to VCC.
Table 2: Supported Single and Dual Supply Configurations
Supply voltage configuration
VCC
1
VCCA
2
VCCB
3
VCCC
4
GND
3.3V
3.3V
3.3V
3.3V
3.3V
0V
Mixed voltage supply
3.3V
3.3V or 2.5V
3.3V
3.3V or 2.5V
0 V
2.5V
2.5V
2.5V
2.5V
2.5V
0 V
Note: 1 VCC is the positive power supply of the device core and input circuitry. VCC voltage defines the input threshold and levels
2 VCCA is the positive power supply of the bank A outputs. VCCA voltage defines bank A output levels
3 VCCB is the positive power supply of the bank B outputs. VCCB voltage defines bank B output levels. VCCB is internally connected to VCC.
4 VCCC is the positive power supply of the bank B outputs. VCCC voltage defines bank C output levels.
Table 3: Function Table (Controls)
Control
Default
0
1
CCLK_SEL
0
CCLK0
CCLK1
FSELA
0
fQA0:2 = fREF
f QA0:2 = fREF ÷2
FSELB
0
FQBO:2 = fREF
f QBO:2 = fREF ÷2
FSELC
0
FQCO:3 = fREF
f QCO:3 = fREF ÷2
MR/OE
0
Outputs enabled
Internal reset Outputs disabled (tristate)
Table 4: Absolute Maximum Ratings
1
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-65
125
°C
Note: 1 These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com