Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R5 Datasheet(PDF) 9 Page - u-blox AG

Part # EVK-R5
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R5 Datasheet(HTML) 9 Page - u-blox AG

Back Button EVK-R5 Datasheet HTML 5Page - u-blox AG EVK-R5 Datasheet HTML 6Page - u-blox AG EVK-R5 Datasheet HTML 7Page - u-blox AG EVK-R5 Datasheet HTML 8Page - u-blox AG EVK-R5 Datasheet HTML 9Page - u-blox AG EVK-R5 Datasheet HTML 10Page - u-blox AG EVK-R5 Datasheet HTML 11Page - u-blox AG EVK-R5 Datasheet HTML 12Page - u-blox AG EVK-R5 Datasheet HTML 13Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 9 of 23
C1-Public
1.6 Pin out
SARA-R5 module
DIL B2B connector
SARA-R5 module
DIL B2B connector
Pin N°
Signal name
Name / pin number
Pin N°
Signal name
Name / pin number
1
GND
J301 pins 7-10
33
EXT_INT
J301 pin 36
2
RSVD
J301 pin 4
34
I2S_WA
J300 pin 26
3
GND
J301 pins 7-10
35
I2S_TXD
J300 pin 23
4
V_INT
J301 pin 35
36
I2S_CLK
J300 pin 21
5
GND
J301 pins 7-10
37
I2S_RXD
J300 pin 24
6
DSR
J301 pin 17
38
SIM_CLK
J300 pin 16
7
RI
J301 pin 18
39
SIM_IO
J300 pin 13
8
DCD
J301 pin 12
40
SIM_RST
J300 pin 15
9
DTR
J301 pin 11
41
VSIM
J300 pin 14
10
RTS
J301 pin 14
42
GPIO5
J301 pin 24
11
CTS
J301 pin 13
43
GND
J301 pins 7-10
12
TXD
J301 pin 16
44
SDIO_D2
Not available
13
RXD
J301 pin 15
45
SDIO_CLK
Not available
14
GND
J301 pins 7-10
46
SDIO_CMD
Not available
15
PWR_ON
J301 pin 30
47
SDIO_D0
Not available
16
GPIO1
J301 pin 34
48
SDIO_D3
Not available
17
VUSB_DET
Not available
49
SDIO_D1
Not available
18
RESET_N
J300 pin 25
50
GND
J301 pins 7-10
19
GPIO6
J301 pin 23
51
VCC
J300 pins 7-10
20
GND
J301 pins 7-10
52
VCC
J300 pins 7-10
21
GND
J301 pins 7-10
53
VCC
J300 pins 7-10
22
GND
J301 pins 7-10
54
GND
J301 pins 7-10
23
GPIO2
J301 pin 32
55
GND
J301 pins 7-10
24
GPIO3
J301 pin 31
56
ANT
Not available
25
GPIO4
J301 pin 26
57
GND
J301 pins 7-10
26
SDA
J300 pin 22
58
GND
J301 pins 7-10
27
SCL
J300 pin 19
59
GND
J301 pins 7-10
28
USB_D-
Not available
60
GND
J301 pins 7-10
29
USB_D+
Not available
61
GND
J301 pins 7-10
30
GND
J301 pins 7-10
62
ANT_DET
Not available
31
ANT_GNSS
Not available
63
GND
J301 pins 7-10
32
GND
J301 pins 7-10
64
GND
J301 pins 7-10
Table 4: Interfaces of the SARA-R5 series modules, as routed on the 42-pin dual-in-line board-to-board connectors
(J300, J301) available on the ADP-R5 adapter board of the EVK-R5 evaluation kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com