Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP-R5 Datasheet(PDF) 17 Page - u-blox AG

Part # ADP-R5
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ADP-R5 Datasheet(HTML) 17 Page - u-blox AG

Back Button ADP-R5 Datasheet HTML 13Page - u-blox AG ADP-R5 Datasheet HTML 14Page - u-blox AG ADP-R5 Datasheet HTML 15Page - u-blox AG ADP-R5 Datasheet HTML 16Page - u-blox AG ADP-R5 Datasheet HTML 17Page - u-blox AG ADP-R5 Datasheet HTML 18Page - u-blox AG ADP-R5 Datasheet HTML 19Page - u-blox AG ADP-R5 Datasheet HTML 20Page - u-blox AG ADP-R5 Datasheet HTML 21Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Appendix
Page 17 of 23
C1-Public
C AT commands examples
For the complete description and syntax of the AT commands supported by SARA-R5 series modules,
see the SARA-R5 series AT commands manual [1].
For detailed AT commands examples for network registration and configuration, context activation,
data connection management, SIM management, module interfaces configurations and other
settings, see the u-blox SARA-R5 application development guide [4].
C.1 Define the initial default bearer for connectivity
To change the PDN settings for the initial default EPS bearer established during LTE attach, edit the
<cid>=1 PDN by means of the +CGDCONT AT command.
Command sent by DTE (user)
DCE response (module)
Description
AT+COPS?
+COPS: 2
OK
The module is not registered.
AT+CEREG=2;+CGEREP=1,1
OK
Enable a set of registration URCs.
AT+CGDCONT?
+CGDCONT: 1,"IPV4V6","","0.0.0.0
0.0.0.0.0.0.0.0.0.0.0.0.0.0.0.0",
0,0,0,2,0,0,0,0,0,0
OK
Read IP type and APN for EPS attach
bearer.
AT+CGDCONT=1,"IPV4V6","broadband"
OK
Set the APN name ("broadband" for
example) and the PDP type ("IPV4V6" for
example) for EPS attach bearer.
AT+COPS=0
OK
+CEREG: 1,"0001","01a2d001",7
+CGEV: ME PDN ACT 1
Trigger a network registration and wait
for attach complete.
C.2 Data connection using internal TCP/IP stack
Activate an internal context to use the internal TCP/UDP stack.
If an external "IP" context is active, just map the external context to an internal one.
Command sent by DTE (user)
DCE response (module)
Description
AT+CGDCONT?
+CGDCONT: 1,"IP","default.mnc321.
mcc654.gprs","192.168.20.6",0,0,0
,2,0,0,0,0,0,0
OK
Read IP type and APN for EPS attach
bearer.
Context <cid>=1 has IP type "IP" and
APN "default.mnc321.mcc654.gprs".
AT+CGCONTRDP=1
+CGCONTRDP: 1,5,"default.mnc321.m
cc654.gprs","192.168.20.6.255.255
.255.0","192.168.20.1","185.215.1
95.114","","","",0,0,1500,0,0
OK
Read context <cid>=1 dynamic
parameters.
<cid>=1 is currently active with IPv4
address 192.168.20.6/24, gateway
192.168.20.1 and DNS server
185.215.195.114.
AT+UPSD=0,100,1
OK
Map external context <cid>=1 to internal
context <profile_id>=0.
AT+UPSDA=0,3
OK
+UUPSDA: 0,"192.168.20.6"
Activate internal context <profile_id>=0.
A URC is received indicating activation
complete and IPv4 address for the
internal context.
If an external "IPV4V6" context is active, configure the internal context with type "IPv4v6 with IPv4
preferred".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com