Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B36-R412-2 Datasheet(PDF) 1 Page - u-blox AG

Part # B36-R412-2
Description  Vehicle tracking board with u-blox cellular, positioning, and short range modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

B36-R412-2 Datasheet(HTML) 1 Page - u-blox AG

  B36-R412-2 Datasheet HTML 1Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B36 vehicle tracking blueprint
Vehicle tracking board with u-blox cellular, positioning, and short
range modules
Highlights
• Small size, so it can easily be placed out of view in a vehicle
• Designed for worldwide LTE and/or 2G coverage
• Reference for combined integration of u-blox cellular,
positioning, and short range modules
• Addresses the RF and hardware challenges related to the
integration of on-board antennas
• Fulfills AT&T requirements for small ioT devices
• The blueprint uses all "off the shelf" components
Product description
The B36 blueprint is a solution that integrates u-blox technologies
(cellular, positioning and short range) in a single board with PCB-mount
antennas. The B36 board represents a tested and optimized design
for vehicle tracking, in a small form factor.
All variants include the short range module ANNA-B112, which supports
Bluetooth® 5 low energy.
All variants support concurrent reception of GPS, GLONASS, BeiDou,
QZSS, SBAS and Galileo systems. Two variants also support untethered
dead reckoning.
There are two cellular options, both designed to operate globally.
The G450-1 and G450-2 variants are 2G-only quad band GSM/GPRS
devices. The R412-1 and R412-2 variants provide LTE Cat M1/NB1
and EGPRS technologies.
Blueprint B36 is designed to meet the RF requirements imposed by the
main North American and European certification schemes. To verify
the performance, parameters like Total Radiated Power (TRP) and Total
Isotropic Sensitivity (TIS) have been tested in a fully anechoic chamber.
Product challenge
Blueprint B36 is an integrated device with coexisting GNSS, cellular
and Bluetooth Low Energy technologies. The coexistence of GNSS and
cellular is not to be neglected, and can be challenging if not considered
from the beginning. In the scope of the B36, schematic and layout have
been optimized to obtain the best performance and be compliant with
North America and European certification.
Data package includes
Application note
Describes the features and performance of the
B36 blueprint board
Schematics
Complete circuit schematics
Gerber files
Contains Gerber data
Demo firwmare
Necessary firwmare and its source code
Design details
Power supply
Typical 12 V or 24 V extended to 9 V to 36 V
Battery
Li-Po battery connector with built-in charger is
avaiable
JTAG connector
Used to program the micro-controller
Many test points
For independent evaluation of each key function
Product variants
All variants have the same application board and software.
B36-G450-1
Featuring cellular module SARA-G450,
short range module ANNA-B112, and
positioning module EVA-M8Q
B36-G450-2
Featuring cellular module SARA-G450,
short range module ANNA-B112, and
positioning module EVA-M8E
B36-R412-1
Featuring cellular module SARA-R412,
short range module ANNA-B112, and
positioning module EVA-M8Q
B36-R412-2
Featuring cellular module SARA-R412,
short range module ANNA-B112, and
positioning module EVA-M8E
Product summary
UBX-20012630 - R02
Legal Notice:
u-blox reserves all rights to this document and the information contained herein. Products,
names, logos and designs described herein may in whole or in part be subject to intellectual
property rights. Reproduction, use, modification or disclosure to third parties of this doc-
ument or any part thereof without the express permission of u-blox is strictly prohibited.
The information contained herein is provided “as is”. No warranty of any kind, either
express or implied, is made in relation to the accuracy, reliability, fitness for a particular
purpose or content of this document. This document may be revised by u-blox at any
time. For most recent documents, please visit www.u-blox.com.
Copyright © 2020, u-blox AG
Further information
For contact information, see www.u-blox.com / contact-us.
NOTE: Please contact u-blox support to request access to technical
documentation and data.
70 × 50 mm


Similar Part No. - B36-R412-2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
Micrel Semiconductor
B36 MICREL-B36 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B360 FUJI-B360 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B360 WEITRON-B360 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B36-R412-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX-7 ETC2-MAX-7 Datasheet
1Mb / 24P
u-blox 7 GNSS modules
logo
u-blox AG
MAX-M8 U-BLOX-MAX-M8 Datasheet
808Kb / 28P
u-blox M8 concurrent GNSS modules
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
u-blox M8 concurrent GNSS modules
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
u-blox M8 Concurrent GNSS Antenna Modules
NEO-6 U-BLOX-NEO-6 Datasheet
938Kb / 2P
Versatile u-blox 6 GPS modules
logo
Suntsu Electronics, Inc...
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
Vehicle Tracking
SATOA-84A84A14G-CMB1 SUNTSU-SATOA-84A84A14G-CMB1 Datasheet
294Kb / 3P
Vehicle Tracking
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
Vehicle Tracking
SATOA-150A64A17A-CMB5 SUNTSU-SATOA-150A64A17A-CMB5 Datasheet
3Mb / 8P
Vehicle Tracking
logo
u-blox AG
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
u-blox M10 standard precision GNSS modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com