Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R500S Datasheet(PDF) 8 Page - u-blox AG

Part # EVK-R500S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R500S Datasheet(HTML) 8 Page - u-blox AG

Back Button EVK-R500S Datasheet HTML 4Page - u-blox AG EVK-R500S Datasheet HTML 5Page - u-blox AG EVK-R500S Datasheet HTML 6Page - u-blox AG EVK-R500S Datasheet HTML 7Page - u-blox AG EVK-R500S Datasheet HTML 8Page - u-blox AG EVK-R500S Datasheet HTML 9Page - u-blox AG EVK-R500S Datasheet HTML 10Page - u-blox AG EVK-R500S Datasheet HTML 11Page - u-blox AG EVK-R500S Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 8 of 23
C1-Public
1.5 Connectors
Function
Description
Name
Board
9 - 18 V Power Input
Connector for the AC / DC power adapter of EVK
AC: 100-240 V, 0.8 A, 50-60 Hz / DC: +12 V, 2.5 A
IEC 60417-5172
Class II equipment
J400
EVB-WL3
SIM card holder
SIM card holder
J300
EVB-WL3
Cellular USB
(single UART)
Mini USB connector for the cellular module single UART interface (with
default USIO variant 0, or USIO variant 1) converted as a USB interface
J501
EVB-WL3
Cellular RS232
(single UART)
DB9 connector for the cellular module single UART interface (with default
USIO variant 0, or USIO variant 1) converted as an RS232 interface
J500
EVB-WL3
Cellular headset
Audio headset jack connector for the cellular module audio interface
J303
EVB-WL3
GNSS backup battery Backup battery socket for the GNSS module (under GNSS adapter board)
BT200
EVB-WL3
GND
Ground terminals for the probe reference
J402, J403
J405, J406
EVB-WL3
Cellular antenna
SMA connector for the module cellular antenna (ANT)
J106
ADP-R5
GNSS antenna (for
the SARA-R5 module)
SMA connector for the GNSS antenna to be connected to the GNSS RF
input of the SARA-R5 module (ANT_GNSS) 3
J112
ADP-R5
Cellular native USB
Mini USB connector for the cellular module native USB interface
J105
ADP-R5
Cellular USB
(two UARTs)
Mini USB connector for the cellular module two UART interfaces (with
USIO variant 2, 3 or 4 configuration) converted as a USB interface
J201
ADP-R5
DIL B2B headers
Dual-in-line board-to-board connectors for cellular module interfaces
J300, J301 ADP-R5
GNSS antenna (for
the GNSS module)
SMA connector for the GNSS antenna to be connected to the GNSS RF
input of the GNSS module (RF_IN)
J208
ADP-GNSS
GNSS USB
Mini USB connector for the GNSS module USB interface
J102
ADP-GNSS
Table 3: EVK-R5 connector descriptions
⚠ CAUTION! IN THE UNLIKELY EVENT OF A FAILURE IN THE INTERNAL PROTECTION CIRCUITRY,
THERE IS A RISK OF AN EXPLOSION WHEN CHARGING A FULLY OR PARTIALLY DISCHARGED
BATTERY. REPLACE THE BATTERY WHEN IT NO LONGER HAS A SUFFICIENT CHARGE FOR
UNIT OPERATION. CONTROL THE BATTERY BEFORE USE IF THE DEVICE HAS NOT BEEN USED
FOR AN EXTENDED PERIOD OF TIME.
⚠ CAUTION! RISK OF EXPLOSION IF THE BATTERY IS REPLACED WITH AN INCORRECT TYPE.
DISPOSE OF USED BATTERIES ACCORDING TO THE INSTRUCTIONS!
3 SARA-R510M8S modules only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com