Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R510M8S Datasheet(PDF) 26 Page - u-blox AG

Part # SARA-R510M8S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510M8S Datasheet(HTML) 26 Page - u-blox AG

Back Button SARA-R510M8S Datasheet HTML 22Page - u-blox AG SARA-R510M8S Datasheet HTML 23Page - u-blox AG SARA-R510M8S Datasheet HTML 24Page - u-blox AG SARA-R510M8S Datasheet HTML 25Page - u-blox AG SARA-R510M8S Datasheet HTML 26Page - u-blox AG SARA-R510M8S Datasheet HTML 27Page - u-blox AG SARA-R510M8S Datasheet HTML 28Page - u-blox AG SARA-R510M8S Datasheet HTML 29Page - u-blox AG SARA-R510M8S Datasheet HTML 30Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 26 of 43
C1-Public
4.2.3 Current consumption
Mode
Condition
Tx power
Module
Min
Typ11 Max
Unit
Power-off mode
Average current value
(power-off mode)
--
SARA-R510S
0.5
µ
A
SARA-R500S
SARA-R510M8S
62
µ
A
PSM deep-sleep mode
Average current value
(PSM deep-sleep mode)
--
SARA-R510S
0.5
µ
A
SARA-R500S
SARA-R510M8S
62
µ
A
Cyclic idle / active mode
(+UPSV=1)
Average current value
(rock bottom)
--
All
1.0
mA
Average current value
(DRX = 2.56 s, PTW = 20.48 s,
eDRX = 655.36 s)
--
All
1.1
mA
Average current value
(DRX = 2.56 s, PTW = 20.48 s,
eDRX = 81.92 s)
--
All
1.2
mA
Average current value
(DRX = 2.56 s, PTW = 5.12 s,
eDRX = 20.48 s)
--
All
1.2
mA
Average current value
(DRX = 2.56 s, no eDRX)
--
All
1.5
mA
Average current value
(DRX = 1.28 s, no eDRX)
--
All
2.0
mA
Active mode
(+UPSV=0)
Average current value
(DRX = 1.28 s)
--
All
25
mA
LTE Cat M1 connected mode Average current value
(Tx / Rx data transfer)
Minimum
(–50 dBm)
All
95
mA
0 dBm
All
100
mA
8 dBm
All
115
mA
14 dBm
All
140
mA
20 dBm
All
170
mA
Maximum
(23 dBm)
All
195
mA
Maximum current value
(During Tx only)
Maximum
(23 dBm)
All
395
mA
Table 11: VCC current consumption of SARA-R5 series modules with GNSS off
11 Typical values with matched antenna, VCC = 3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com