Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R510M8S Datasheet(PDF) 10 Page - u-blox AG

Part # EVK-R510M8S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510M8S Datasheet(HTML) 10 Page - u-blox AG

Back Button EVK-R510M8S Datasheet HTML 6Page - u-blox AG EVK-R510M8S Datasheet HTML 7Page - u-blox AG EVK-R510M8S Datasheet HTML 8Page - u-blox AG EVK-R510M8S Datasheet HTML 9Page - u-blox AG EVK-R510M8S Datasheet HTML 10Page - u-blox AG EVK-R510M8S Datasheet HTML 11Page - u-blox AG EVK-R510M8S Datasheet HTML 12Page - u-blox AG EVK-R510M8S Datasheet HTML 13Page - u-blox AG EVK-R510M8S Datasheet HTML 14Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 10 of 23
C1-Public
Dual-In-Line Board-to-Board connector J301
Dual-In-Line Board-to-Board connector J300
Signal name
Pin N°
Pin N°
Signal name
Signal name
Pin N°
Pin N°
Signal name
Not connected
1
2
GND
Not connected 1
2
GND
Not connected
3
4
RSVD
Not connected 3
4
Not connected
Not connected
5
6
Not connected
Not connected 5
6
Not connected
GND
7
8
GND
VCC
7
8
VCC
GND
9
10
GND
VCC
9
10
VCC
DTR
11
12
DCD
Not connected 11
12
Not connected
CTS
13
14
RTS
SIM_IO
13
14
VSIM
RXD
15
16
TXD
SIM_RST
15
16
SIM_CLK
DSR
17
18
RI
Not connected 17
18
Not connected
Not connected
19
20
Not connected
SCL
19
20
Not connected
Not connected
21
22
Not connected
I2S_CLK
21
22
SDA
GPIO6
23
24
GPIO5
I2S_TXD
23
24
I2S_RXD
Not connected
25
26
GPIO4
RESET_N
25
26
I2S_WA
Not connected
27
28
Not connected
Not connected 27
28
Not connected
Not connected
29
30
PWR_ON
Not connected 29
30
Not connected
GPIO3
31
32
GPIO2
Not connected 31
32
Not connected
Not connected
33
34
GPIO1
Not connected 33
34
Not connected
V_INT
35
36
EXT_INT
Not connected 35
36
Not connected
Not connected
37
38
Not connected
Not connected 37
38
Not connected
Not connected
39
40
Not connected
Not connected 39
40
Not connected
GND
41
42
Not connected
GND
41
42
Not connected
Table 5: Pin-out of the 42-pin dual-in-line board-to-board connectors (J300, J301) available on the ADP-R5 adapter board of
the EVK-R5 evaluation kit
The pins / interfaces that are not supported by a specific SARA-R5 module product version should
be not driven by an external device (see the SARA-R5 series data sheet [2] and the SARA-R5 series
system integration manual [3] for the features supported by each SARA-R5 module product
version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com