Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKE Datasheet(PDF) 1 Page - OSRAM GmbH

Part # EKE
Description  Low Voltage Tungsten Halogen Lamps with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EKE Datasheet(HTML) 1 Page - OSRAM GmbH

  EKE Datasheet HTML 1Page - OSRAM GmbH EKE Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO153
Product Information Bulletin
EKE
EKE / X
Low Voltage Tungsten Halogen
Lamps with Reflector
•
MR16 Dichroic coated reflector
•
T3.15 quartz capsule
•
200 hrs standard life
•
1,000 hrs (X) long life version
(Xenon Fill Gas Technology)
Applications
•
Overhead projector
•
Fiber-Optic
•
Night Club /
Entertainment
WARNING
This lamp emits ultraviolet (UV)
radiation and operates at high
internal pressure. Before use, read
the complete warning accompanying
the product.
Disposal
When disposing of spent lamps,
always consult federal, state, local
and provincial hazardous waste
disposal rules and regulations to
ensure proper disposal.
APPLICATION INFORMATION
Ordering Abbreviation
Product Number
EKE
54842
EKE/X
58771
Electrical Data:
Watts
W
150
150
Voltage
V
21
21
Photometric Data:
Color Temperature
K
3,300
3,150
Screen Lumens
lm
80
80
Corner Percent
%
60
60
Geometrical Data:
Length l Max.
mm
38.10
38.10
Maximum Overall Length
mm
44.83
44.83
Working Distance a
mm
44.45
44.45
Diameter d
mm
51
51
Other Data:
Average Service Life
hrs
200
1,000
Base
GX 5.3
GX 5.3
Bulb
T3.15
T3.15
Operating Position
Any
Any
Operating Limits:
Max. Bulb Temperature
°C
1,000
1,000
Min. Bulb Temperature
°C
250
250
Max. Seal Temperature
°C
450
450
TECHNICAL DATA


Similar Part No. - EKE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKE VISHAY-EKE Datasheet
109Kb / 8P
Aluminum Capacitors Radial Style
15-Jul-08
logo
Multicomp Pro
EKE MULTICOMP-EKE Datasheet
236Kb / 1P
Dichroic Reflector GX5.3 Base Lamp
06/06/12 V1.0
logo
Murata Manufacturing Co...
EKEMBL03D MURATA-EKEMBL03D Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
EKEMBL15K MURATA-EKEMBL15K Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
EKEMBL18G MURATA-EKEMBL18G Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
More results

Similar Description - EKE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54021 GILWAY-54021 Datasheet
30Kb / 2P
20 watt, tungsten halogen low voltage without reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
75 watt, tungsten halogen, low to medium voltage with reflector.
54409 GILWAY-54409 Datasheet
46Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
150 watt, tungsten halogen, low to medium voltage with reflector
54730 GILWAY-54730 Datasheet
46Kb / 2P
200 watt, tungsten halogen, low to medium voltage with reflector
54737 GILWAY-54737 Datasheet
46Kb / 2P
80 watt, tungsten halogen, low to medium voltage with reflector
54840 GILWAY-54840 Datasheet
35Kb / 2P
250 watt, tungsten halogen, low to medium voltage with reflector
58786 GILWAY-58786 Datasheet
37Kb / 2P
50 watt, tungsten halogen, low to medium voltage with reflector
logo
OSRAM GmbH
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com