Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P3805X Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM2P3805X
Description  3.3V CMOS Dual 1-To-5 Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P3805X Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM2P3805X Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
June 2005
ASM2P3805X
rev 0.2
3.3V CMOS Dual 1-To-5 Clock Driver
2 of 12
Notice: The information in this document is subject to change without notice.
Pin Description
Pin #
Pin Names
Description
9,12
OE
¯¯ A, OE
¯¯ B
3-State Output Enable Inputs (Active LOW)
10,11
INA, INB
Clock Inputs
2,3,4,6,7
OA1-OA5
Clock Outputs from Bank A
19,18,17,15,14
OB1-OB5
Clock Outputs from Bank B
1
VCCA
Power supply for Bank A
20
VCCB
Power supply for Bank B
5
GNDA
Ground for Bank A
16
GNDB
Ground for Bank B
8
GNDQ
Ground
13
MON
Monitor Output
Function Table
1
Inputs
Outputs
OE
¯¯ A, OE
¯¯ B
INA, INB
OAn, OBn
MON
L
L
L
L
L
H
H
H
H
L
Z
L
H
H
Z
H
Note: 1 H = HIGH; L = LOW; Z = High-Impedance
Capacitance (T
A = +25°C, f = 1.0MHz)
Symbol
Parameter
1
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN= 0V
3
4
pF
COUT
Output Capacitance
VOUT = 0V
—
6
pF
Note: 1 This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com