Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD717 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD717
Description  Common Anode Schottky Barrier Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD717 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD717 Datasheet HTML 1Page - ON Semiconductor MMBD717 Datasheet HTML 2Page - ON Semiconductor MMBD717 Datasheet HTML 3Page - ON Semiconductor MMBD717 Datasheet HTML 4Page - ON Semiconductor MMBD717 Datasheet HTML 5Page - ON Semiconductor MMBD717 Datasheet HTML 6Page - ON Semiconductor MMBD717 Datasheet HTML 7Page - ON Semiconductor MMBD717 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBD717LT1
http://onsemi.com
2
25°C
125°C
85°C
TA = 150°C
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820 Ω
0.1 µF
DUT
VR
100 µH
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
0
0.05
VF, FORWARD VOLTAGE (VOLTS)
0.1
10
1.0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
1.0
0
VR, REVERSE VOLTAGE (VOLTS)
0.5
0
2.0
4.0
Figure 2. Typical Forward Voltage
Figure 3. Reverse Current versus Reverse
Voltage
Figure 4. Typical Capacitance
-40°C
25°C
-55°C
150°C
125°C
100
0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10
1.0
1.5
2.0
2.5
3.0
6.0
8.0
10
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com