Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM705EUAF Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM705EUAF
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM705EUAF Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM705EUAF Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM705EUAF Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ASM705 / 706 / 707 / 708
3 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Pin Description
Pin Number
Name
Function
ASM705/706
ASM707/708
ASM813L
DIP/
SO
MicroSO
DIP/
SO
MicroSO
DIP/
SO
MicroSO
1
3131
3
MR
Manual reset input. The active LOW input triggers a reset
pulse. A 250 µA pull-up current allows the pin to be
driven by TTL/CMOS logic or shorted to ground with a
switch.
2
4242
4
VCC
+5V power supply input.
3
5353
5
GND
Ground reference for all signals.
4
6464
6
PFI
Power-fail input voltage monitor. With PFI less than
1.25V, PFO goes LOW. Connect PFI to Ground or VCC
when not in use.
5
7575
7
PFO
Power-fail output. The output is active LOW and sinks
current when PFI is less than 1.25V.
68
-
-
68
WDI
Watchdog input. WDI controls the internal watchdog
timer. A HIGH or LOW signal for 1.6sec at WDI allows
the internal timer to run-out, setting WDO LOW. The
watchdog function is disabled by floating WDI or by con-
necting WDI to a high impedance three-state buffer. The
internal watchdog timer clears when: RESET is asserted;
WDI is three-stated ; or WDI sees a rising or falling edge.
-
-
6
8
-
-
NC
Not Connected
7
1
7
1
-
-
RESET
Active LOW reset output. Pulses LOW for 200ms when
triggered, and stays LOW whenever VCC is below the
reset threshold. RESET remains LOW for 200ms after
VCC rises above the reset threshold or MR goes from
LOW to HIGH. A watchdog timeout will not trigger
RESET unless WDO is connected to MR.
82
-
-
82
WDO
Watchdog output. WDO goes LOW when the 1.6 second
internal watchdog timer times-out and does not go HIGH
until the watchdog is cleared. In addition, when VCC falls
below the reset threshold, WDO goes LOW. Unlike
RESET, WDO does not have a minimum pulse width and
as soon as VCC exceeds the reset threshold, WDO goes
HIGH with no delay.
-
-
8
2
7
1
RESET
Active HIGH reset output. The inverse of RESET. The
ASM813L only has a RESET output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com