Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F4P0VTQ0 Datasheet(PDF) 66 Page - Intel Corporation

Part # PC48F4P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F4P0VTQ0 Datasheet(HTML) 66 Page - Intel Corporation

Back Button PC48F4P0VTQ0 Datasheet HTML 62Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 63Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 64Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 65Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 66Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 67Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 68Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 69Page - Intel Corporation PC48F4P0VTQ0 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
66
Order Number: 306666, Revision: 001
When a programming operation is executing, issuing the Program Suspend command requests the
WSM to suspend the programming algorithm at predetermined points. The device continues to
output Status Register data after the Program Suspend command is issued. Programming is
suspended when Status Register bits SR[7,2] are set. Suspend latency is specified in Section 7.5,
“Program and Erase Characteristics” on page 45.
To read data from the device, the Read Array command must be issued. Read Array, Read Status
Register, Read Device Identifier, CFI Query, and Program Resume are valid commands during a
program suspend.
During a program suspend, deasserting CE# places the device in standby, reducing active current.
VPP must remain at its programming level, and WP# must remain unchanged while in program
suspend. If RST# is asserted, the device is reset.
11.5
Program Resume
The Resume command instructs the device to continue programming, and automatically clears
Status Register bits SR[7,2]. This command can be written to any address. If error bits are set, the
Status Register should be cleared before issuing the next instruction. RST# must remain deasserted
(see Figure 41, “Program Suspend/Resume Flowchart” on page 86).
11.6
Program Protection
When VPP = VIL, absolute hardware write protection is provided for all device blocks. If VPP is at
or below VPPLK, programming operations halt and SR[3] is set indicating a VPP-level error. Block
lock registers are not affected by the voltage level on VPP; they may still be programmed and read,
even if VPP is less than VPPLK.
Figure 31.
Example VPP Supply Connections
• Factory Programming with V
PP = VPPH
• Complete write/Erase Protection when V
PP ≤ VPPLK
VCC
VPP
VCC
VPP
• Low Voltage and Factory Programming
• Low-voltage Programming only
• Logic Control of Device Protection
VCC
VPP
• Low Voltage Programming Only
• Full Device Protection Unavailable
VCC
VPP
≤ 10K Ω
V
PP
V
CC
V
CC
PROT #
V
CC
V
PP=VPPH
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com