Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54836 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 54836
Description  Upgrades For Popular Projjecttiion Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54836 Datasheet(HTML) 1 Page - OSRAM GmbH

  54836 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FO141 06/2001
Solutions for Today
1
Lamps designed for increased light output can have a reduced operating life
2
Lamps designed with a longer operating life can produce fewer lumens
3
Lamps operated at less than their rated voltage provide a longer life, reduced light output and lower color
temperature. A 5% reduction in voltage can double lamp life, decrease luminous flux by 15% and decrease color
temperature by 2%.
4
Screen Lumens
If you are using:
Upgrade to:
Benefits
ENX
FXL
Increased light
FXL or ENX
FXL-HL
Increased light
1
FCR 64625 HLX
EVA 64623 HLX
Increased life by 40 times
2
FCS 64640 HLX
FDV 64642 HLX
Increased life by 6 times
2
EHJ 64655 HLX
EVC 64657 HLX
Increased life by 6 times
2
EVC 64657 HLX
FNT 64656PT HLX
Increased light by 10%
1
EVD 64663 HLX
64664 HLX
Increased life by 3 times
2 at 36V
EVD 64663 HLX
64665 HLX
Increased life by 6 times
2 at 36V
BHC/DYS/DYV
BHC/DYS/DYV-5
Double the life at 120V
3
EYB
EYB-5
Double the life at 82V
3
EYB
EYB-7
Increased life by 2.5 times at 82V
3
ENX
ENX-5
Double the life at 82V
3
ENX
ENX-7
Increased life by 2.5 times at 82V
3
Upgrades For
Upgrades For Popular Projection Lamps
Projection Lamps
Technical Data
Technical Data
Order
Abbreviation
Product
Number
Watts
Volts
Rated
life
Fig.
Base
"l"
mm
"a"
mm
"d"
mm
Bulb
Shape
Lumens
FXL
54912
410
82
75
1
GY5.3
38.1
299
51
T3.5
640
4
FXL-HL
54904
410
82
40
1
GY5.3
38.1
299
51
T3.5
850
4
FCR 64625 HLX
54036
100
12
50
2
GY6.35
44
30
11.5
T3.5
3,600
EVA 64623 HLX
54052
100
12
2,000
2
GY6.35
44
30
11.5
T4
2,800
FCS 64640 HLX
54041
150
24
50
2
G6.35
50
32
13.5
T4
6,000
FDV 64642 HLX
54054
150
24
300
2
G6.35
50
32
13.5
T4
5,000
EHJ 64655 HLX
54045
250
24
50
2
G6.35
55
33
13.5
T4
10,000
EVC 64657 HLX
54047
250
24
300
2
G6.35
55
33
13.5
T4
9,000
FNT 64656PT HLX
54044
275
24
75
2
G6.35
55
33
13.5
T4
10,000
EVD 64663 HLX
54100
400
36
50
2
G6.35
60
36
15
T6
16,000
64664 HLX
54057
400
36
150
2
G6.35
57
36
18
T6
14,500
64665 HLX
54058
400
36
300
2
G6.35
60
36
18
T6
12,200
BHC/DYS/DYV
54836
600
120
75
3
GZ9.5
64
36.5
20
T6
17,500
BHC/DYS/DYV-5
54835
600
125
75
3
GZ9.5
63.5
36.5
20
T6
17,500
EYB
54446
360
82
75
4
G5.3
57.2
31.8
11.2
T3.5
10,000
EYB-5
54448
360
85.5
75
4
G5.3
54
31.8
11.2
T3.5
10,000
EYB-7
54455
360
87.5
75
4
G5.3
57.2
31.8
11.2
T3.5
10,000
ENX
54984
360
82
75
1
GY5.3
45
299
51
T3.5
460
4
ENX-5
54913
360
86
75
1
GY5.3
38.1
299
51
T3.5
540
4
ENX-7
54916
360
87.5
75
1
GY5.3
38.1
299
51
T3.5
540
4
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4


Similar Part No. - 54836

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5483-02AX MOLEX1-5483-02AX Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
5483-03AX MOLEX1-5483-03AX Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
5483-04AX MOLEX1-5483-04AX Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
5483-05AX MOLEX1-5483-05AX Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
5483-06AX MOLEX1-5483-06AX Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
More results

Similar Description - 54836

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
HSH1003GILO PERKINELMER-HSH1003GILO Datasheet
47Kb / 2P
Lamps for Photolithography
HSH2001CIEO PERKINELMER-HSH2001CIEO Datasheet
42Kb / 2P
Lamps for Photolithography
logo
Everlight Electronics C...
Y2C0-AUYB EVERLIGHT-Y2C0-AUYB Datasheet
113Kb / 6P
LED lamps Popular T-1 3/4
T1C1-1VXA EVERLIGHT-T1C1-1VXA Datasheet
232Kb / 10P
Popular T-1 3/4 colorless 5mm LED lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Nell Semiconductor Co.,...
150FD NELLSEMI-150FD Datasheet
1Mb / 6P
Popular series for rough service
logo
Vishay Siliconix
VS-300U VISHAY-VS-300U Datasheet
169Kb / 7P
Popular series for rough service
23-Mar-17
logo
Everlight Electronics C...
EALP05RDEWA0 EVERLIGHT-EALP05RDEWA0 Datasheet
304Kb / 10P
Popular 3mm package
EALP05RDEWA7 EVERLIGHT-EALP05RDEWA7 Datasheet
735Kb / 11P
Popular 3mm package
EALP05RDEWA9 EVERLIGHT-EALP05RDEWA9 Datasheet
264Kb / 10P
Popular 5mm package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com