Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM706CSAF Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM706CSAF
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706CSAF Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM706CSAF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706CSAF Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ASM705 / 706 / 707 / 708
7 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
-0.3
6.0
V
All other inputs 1
-0.3
VCC + 0.3
V
Input Current at VCC and GND
20
mA
Output Current: All outputs
20
mA
Rate of Rise at VCC
100
V/µs
Plastic DIP Power Dissipation
(Derate 9mW/°C above 70°C)
700
mV
SO Power Dissipation
(Derate 5.9mW/°C above 70°C)
470
mW‘
MicroSO Power Dissipation
(Derate 4.1mW/°C above 70°C)
330
mW
Operating Temperature Range
ASM705E/706E/707E/708E/813LE
-40
+85
°C
ASM705C/706C/707C/708C/813LC
0
70
°C
Storage Temperature Range
-65
160
°C
Lead Temperature (Soldering 10sec)
300
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. The input voltage limits of PFI and MR can be exceeded if the input current is less than 10mA.
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for pro-
longed time periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com