Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P1819N Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P1819N
Description  Low Power Mobile VGA EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P1819N Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P1819N Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P1819N Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
August 2005
ASM3P1819N
rev 0.2
Low Power Mobile VGA EMI Reduction IC
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated Clock signal or Crystal.
2
VSS
P
Ground Connection. Connect to system ground.
3
NC
-
No Connect.
4
ModOUT
O
Spread spectrum clock output.
5
REF
O
Non-modulated Reference clock output of the input frequency.
6
PD#
I
Power down control pin. Pull LOW to enable Power-Down mode. This pin
has an internal pull-up resistor.
7
VDD
P
Connect to +3.3V.
8
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Output Frequency and Modulation Rate
Input Frequency Range
(MHz)
Output Frequency Range
(MHz)
Modulation Rate
Spread Deviation
(%)
20 to 40
20 to 40
Input Frequency / 512
-1.25
VSS
REF
1
2
3
5
6
7
8
ASM3P1819N
XIN
NC
ModOUT
PD#
XOUT
VDD
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com