Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VB00 Datasheet(PDF) 14 Page - Intel Corporation

Part # PC48F3P0VB00
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VB00 Datasheet(HTML) 14 Page - Intel Corporation

Back Button PC48F3P0VB00 Datasheet HTML 10Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 11Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 12Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 13Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 14Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 15Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 16Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 17Page - Intel Corporation PC48F3P0VB00 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
14
Order Number: 306666, Revision: 001
Figure 4.
256-Mbit, 88-ball (80 active) QUAD+ SCSP Specifications (8x11x1.0 mm)
Millimeters
Inches
Dimensions
Symbol
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.000
-
-
0.0394
Ball Height
A1
0.117
-
-
0.0046
-
-
Package Body Thickness
A2
-
0.740
-
-
0.0291
-
Ball (Lead) Width
b
0.300
0.350
0.400
0.0118
0.0138
0.0157
Package Body Length
D
10.900
11.00
11.100
0.4291
0.4331
0.4370
Package Body Width
E
7.900
8.00
8.100
0.3110
0.3150
0.3189
Pitch
e
-
0.80
-
-
0.0315
-
Ball (Lead) Count
N
-
88
-
-
88
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A1 Dis tance Along E
S1
1.100
1.200
1.300
0.0433
0.0472
0.0512
Corner to Ball A1 Dis tance Along D
S2
1.000
1.100
1.200
0.0394
0.0433
0.0472
Top View - Ball Down
Bottom View - Ball Up
A
A2
D
E
Y
A1
D raw ing not to s cale .
S2
S1
A
C
B
E
D
G
F
J
H
K
L
M
e
1
2
3
4
5
6
7
8
b
A
C
B
E
D
G
F
J
H
K
L
M
A 1 Index
Mark
12
34
56
78
N ote: Dimensions A1, A2, and b are preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com