Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ633. Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ633.
Description  P-Channel 4 0 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ633. Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  2SJ633. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ633. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P-Channel 4 0 V (D-S) MOSFET
FEATURES
•
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
- 40
0.010 at VGS = - 10 V
±
0.0
at VGS = - 4.5 V
±
S
G
D
P-Channel MOSFET
Notes:
a. Package limited.
b. Duty cycle
 1 %.
c. When mounted on 1" square PCB (FR-4 material).
d. See SOA curve for voltage derating.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 40
V
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
-
a
A
TC = 125 °C
- 52
Pulsed Drain Current
IDM
- 220
Avalanche Current
IAR
- 60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
Power Dissipation
TC = 25 °C
PD
45
W
TA = 25 °C
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mount (TO-263)c
RthJA
40
°C/W
Free Air (TO-220AB)
62.5
Junction-to-Case
RthJC
0.8
Available
RoHS*
COMPLIANT
14
55
54
55
TO-251
S
D
G
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
2SJ633.
1


Similar Part No. - 2SJ633.

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ633 SANYO-2SJ633 Datasheet
59Kb / 4P
2SJ633
More results

Similar Description - 2SJ633.

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM4050PUC-TRL VBSEMI-APM4050PUC-TRL Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
2SJ681 VBSEMI-2SJ681 Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
MDD3752RH VBSEMI-MDD3752RH Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
AOD4185 VBSEMI-AOD4185 Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
SUD50P04-08-GE3 VBSEMI-SUD50P04-08-GE3 Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
2SJ245L VBSEMI-2SJ245L Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
2SJ314-01L VBSEMI-2SJ314-01L Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
2SJ473-01L. VBSEMI-2SJ473-01L. Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
2SJ529L VBSEMI-2SJ529L Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
UTT50P04L-TN3-R VBSEMI-UTT50P04L-TN3-R Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com