Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ668. Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ668.
Description  P-Channel 4 0 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ668. Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  2SJ668. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ668. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
50
100
150
200
250
02468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
2 V
3 V
ID - Drain Current (A)
125 °C
0
30
60
90
120
150
0
20406080
100
25 °C
TC = - 55 °C
0
500
1000
1500
2000
2500
3000
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
40
80
120
160
200
0123456
VGS - Gate-to-Source Voltage (V)
25 °C
125 °C
TC = - 55 °C
0
0.005
0.010
0.015
0.020
0.025
0.030
0
20406080
100
120
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
4
8
12
16
20
0
50
100
150
200
250
300
Qg - Total Gate Charge (nC)
VDS = 15 V
ID = 75 A
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
2SJ668.
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com