Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2508A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P2508A
Description  Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2508A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Peak EMI Reducing Solution
2 of 11
rev 1.3
February 2005
ASM3P2508A
Pin Configuration
Pin Description
Pin Name
Type
Description
XIN
I
Connection to crystal
XOUT
O
Connection to crystal
VDD
P
Power supply for the analog and digital blocks
FOUT1CLK
O
Clock output-1 (120 MHz) - default
FOUT2CLK
O
Clock output-2 ( 72 MHz / 48 MHz)
SDA
I/O
I2C Data
SCL
I
I2C Clock
VSS
P
Ground to entire chip
FOUT1CLK
8
7
6
5
FOUT2CLK
SDA
SCL
VSS
XOUT
1
2
3
4
XIN
VDD
ASM3P2508A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com