Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST87XA Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST87XA
Description  CMOS System Reset IC built-in delay time circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST87XA Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST87XA Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series
CMOS System Reset IC built-in delay time circuit
Monolithic IC PST87XX, 88XX Series
Outline
Features
1. Operating supply voltage
1.0-5.5V
2. Supply current
1µA typ.
3. Reset threshold range
1.6-4.6V
4. Reset threshold accuracy
±1.5%
5. Reset hysteresis
50mV typ.
6. Reset active timeout period
20/50/100/200ms
7. Output type
PST87 : CMOS output
PST88 : Open drain output
8. Manual RESET
PST87/88XA : NO
PST87/88XR : YES
Packages
SSON-4B
SOT-25A
SC-82
Applications
1. Reset circuits for microcomputers, CPUs and MPUs
2. Reset circuits for logic circuits
3. Battery voltage check circuits
4. Back-up power supply switching circuits
5. Level detection circuits
6. Mechanical reset circuits
This IC is a system reset IC builtin delay time circuit.
PST87/88 is not required with an external capacitor, and then can use a small package.
Therefore a space of PC board can be small.


Similar Part No. - PST87XA

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST803 MITSUMI-PST803 Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
PST803A160NH MITSUMI-PST803A160NH Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
PST803A160NL MITSUMI-PST803A160NL Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
PST803A160NM MITSUMI-PST803A160NM Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
PST803A160NR MITSUMI-PST803A160NR Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
More results

Similar Description - PST87XA

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296 NJRC-NJU7296 Datasheet
291Kb / 10P
SYSTEM RESET IC WITH DELAY CIRCUIT
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
CMOS System Reset IC with Delay Time Circuit
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
System Reset with Delay Time Circuit
PST803 MITSUMI-PST803 Datasheet
108Kb / 11P
System Reset IC built-in delay time circuit
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
A4810 AITSEMI-A4810 Datasheet
512Kb / 8P
SUPERVISOR (RESET IC) HIGH PRECISION BUILT-IN DELAY CIRCUIT
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com