Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4099 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4099
Description  Dual P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4099 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4099 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4099 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4099 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4099 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4099 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V
1
-
6.5
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V
1
-
4.5
A
IDM
Pulsed Drain Current
2
-
22
A
EAS
Single Pulse Avalanche Energy
3
25
mJ
IAS
Avalanche Current
-
10
A
PD@TC=25℃
Total Power Dissipation
4
2.0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
110
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
50
℃
/W
BVDSS
RDSON
ID
-40V
3
0mΩ
-
6.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
The WSP4099 is the highest performance
trench P-ch MOSFETs with extreme high
cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
The WSP4099 meet the RoHS and Green
Product requirement , 100% EAS
guaranteed with full function reliability
approved.
WSP4099
Page 1
www.winsok.tw
Rev 2:Dec.2019
Dual P-Channel MOSFET


Similar Part No. - WSP4099

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4016 WIINSOK-WSP4016 Datasheet
1Mb / 7P
N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4067 DOINGTER-WSP4067 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4067B WIINSOK-WSP4067B Datasheet
1Mb / 10P
N&P-Channel MOSFET
WSP4088 WIINSOK-WSP4088 Datasheet
447Kb / 7P
N-Ch MOSFET
More results

Similar Description - WSP4099

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com