Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4409 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4409
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4409 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4409 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4409 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4409 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4409 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4409 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
2
0
V
ID@Tc=25℃
Continuous Drain Current, VGS @ -10V
1
-17.6
A
ID@Tc=70℃
Continuous Drain Current, VGS @ -10V
1
-
14
A
IDM
300uS Pulsed Drain Current
2
-
70
A
EAS
Single Pulse Avalanche Energy
3
72
mJ
IAS
Avalanche Current
-
38
A
PD@TA=25℃
Total Power Dissipation
4
4.2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
75
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
24
℃
/W
BVDSS
RDSON
ID
-30V
5.0mΩ
-1
7.6A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
Power Management in Notebook Computer,
Portable Equipment and Battery Powered Systems.
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
The WSP440
9 is the highest performance
trench
P-Ch MOSFET with extreme high
cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
The WSP440
9 meet the RoHS and Green
Product requirement , 100% EAS
guaranteed with full function reliability
approved.
WSP4409
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WSP4409

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
N-Ch MOSFET
WSP4406 WIINSOK-WSP4406 Datasheet
954Kb / 5P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4406 DOINGTER-WSP4406 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4407 WIINSOK-WSP4407 Datasheet
1Mb / 5P
P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4407 DOINGTER-WSP4407 Datasheet
2Mb / 7P
P-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSP4409

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF15P06 WIINSOK-WSF15P06 Datasheet
853Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com