Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4606 Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4606
Description  N-Ch and P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4606 Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4606 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4606 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10
100
1000
1
5
9
1317
2125
VDS Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
0
0
1
10
100
0.1
1
10
100
10us
100us
10ms
100ms
DC
TC=25℃
Single Pulse
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
0.01
0.02
0.1
0.2
DUTY=0.5
0.001
P
DM
D = T
ON/T
T
Jpeak = TC+PDMXRθJC
T
ON
T
0.05
VDS (V)
Fig.8 Safe Operating Area
t , Pulse Width (s)
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Waveform
WSP4606
N-Ch and P-Channel MOSFET
Page 5
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com