Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4805 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4805
Description  Dual P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4805 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4805 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4805 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4805 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4805 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4805 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@Tc=25℃
Continuous Drain Current, VGS @ -10V
1
-
8.0
A
ID@Tc=70℃
Continuous Drain Current, VGS @ -10V
1
-
7.1
A
IDM
Pulsed Drain Current
2
-
40
A
EAS
Single Pulse Avalanche Energy
3
49
mJ
IAS
Avalanche Current
-
24
A
PD@TA=25℃
Total Power Dissipation
4
2.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
90
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
20
℃
/W
BVDSS
RDSON
ID
-30V
16mΩ
-
8.0A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
WSP4805
Dual P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WSP4805 is the highest performance
trench Dual P-Ch MOSFET with extreme high
cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
The WSP4805 meet the RoHS and Green
Product requirement , 100% EAS
guaranteed with full function reliability
approved.


Similar Part No. - WSP4805

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4807 WIINSOK-WSP4807 Datasheet
2Mb / 7P
Dual P-Ch MOSFET
More results

Similar Description - WSP4805

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA_15 Datasheet
380Kb / 5P
Dual P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD2065 WIINSOK-WSD2065 Datasheet
1Mb / 6P
Dual P-Ch MOSFET
WSD2067 WIINSOK-WSD2067 Datasheet
671Kb / 6P
Dual P-Ch MOSFET
WSD2209DN WIINSOK-WSD2209DN Datasheet
840Kb / 5P
Dual P-Ch MOSFET
WSP4807 WIINSOK-WSP4807 Datasheet
2Mb / 7P
Dual P-Ch MOSFET
WSP4953 WIINSOK-WSP4953 Datasheet
938Kb / 5P
Dual P-Ch MOSFET
WSP4953A WIINSOK-WSP4953A Datasheet
820Kb / 5P
Dual P-Ch MOSFET
WSP4955 WIINSOK-WSP4955 Datasheet
640Kb / 5P
Dual P-Ch MOSFET
WST2011 WIINSOK-WST2011 Datasheet
670Kb / 5P
Dual P-Ch MOSFET
WST2033 WIINSOK-WST2033 Datasheet
575Kb / 5P
Dual P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com