Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L5
Description  Excellence in ultra-low power with more security
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L5 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L5 Datasheet HTML 1Page - STMicroelectronics STM32L5 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER CONSUMPTION
• EEMBC ULPBench®: 370 ULPMark-CP
score
• Embedded SMPS step-down converter
(optional)
• Best power consumption with full
flexibility:
• 17 nA in shutdown mode
• 3 µA in stop mode with full SRAM and
peripheral states retention and with 5 µs
wake-up time
A FULL SET OF SECURITY
FEATURES
• Flexible hardware and software secure
isolations with TrustZone®
• Enhanced security services:
• Dedicated secure user memory space
for secure boot and root of trust
• Symmetric and asymmetric crypto
accelerations
• Memory and IP protection
• Independent read-out protection
between secure / non secure domains
• Active IO tamper detection
• Cryptographic firmware library
• Secure Firmware Install to protect code
and control the number of products
manufactured
INTEGRATION, SIZE,
PERFORMANCE
• Better application responsiveness:
• Performance: +20% versus Cortex®-M4
• New ART Accelerator™: now supporting
also external memory
• Achieving 165 DMIPS, 442 CoreMark
scores and 370 ULPMark-CP
• High integration and innovation: large
memory, USB Type-C™ with Power
Delivery controller, CAN FD
The STM32L5 series is
the answer for embedded
applications requiring more
security and a lower power
consumption. It adds more
security with Arm® Cortex®-M33
and its TrustZone® technology
as well as ST’s security
implementation while using our
best-in-class ultra-low power
technology.
Offering up to 512 Kbytes of
Flash (dual bank) memory and
256 Kbytes of SRAM, the
STM32L5 reaches an upgraded
level of performance
The STM32L5 offers a large
portfolio with 7 packages (from
48 to 144 pins) and supports up
to 125°C ambient temperature.
www.st.com/stm32l5
Excellence in ultra-low power
with more security
First STM32 MCU based on Arm® Cortex®-M33 and TrustZone® technology
STM32L5 series


Similar Part No. - STM32L5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L552 STMICROELECTRONICS-STM32L552 Datasheet
3Mb / 26P
STM32 development boards
STM32L552CCI3PTR STMICROELECTRONICS-STM32L552CCI3PTR Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
STM32L552CCI3PXXX STMICROELECTRONICS-STM32L552CCI3PXXX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
STM32L552CCI3QTR STMICROELECTRONICS-STM32L552CCI3QTR Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
STM32L552CCI3QXXX STMICROELECTRONICS-STM32L552CCI3QXXX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
More results

Similar Description - STM32L5

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
DS_CELSIUS_M420 FUJITSU-DS_CELSIUS_M420 Datasheet
73Kb / 2P
CELSIUS M420 Get more power
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
SIGNAL PROCESSING EXCELLENCE
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
Freescale Semiconductor...
TWR-K60N512 FREESCALE-TWR-K60N512 Datasheet
470Kb / 8P
Low-power MCU with USB Ethernet and security
logo
Hammond Manufacturing L...
AHK2 HAMMOND-AHK2 Datasheet
77Kb / 2P
Quality Products. Service Excellence
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
In automotive more and more often comes in foreground
02-Oct-2013
STM32L452XX STMICROELECTRONICS-STM32L452XX Datasheet
2Mb / 210P
Ultra-low-power with FlexPowerControl
03-May-2017
logo
WALSIN TECHNOLOGY CORPO...
WA04T WALSIN-WA04T Datasheet
223Kb / 7P
Excellence performance in surface mounting assembly
logo
Mean Well Enterprises C...
DRS-240 MEANWELL-DRS-240 Datasheet
1Mb / 14P
240W All-In-One Intelligent Security Power
2022-04-14
DRS-480 MEANWELL-DRS-480 Datasheet
1Mb / 14P
480W All-In-One Intelligent Security Power
2022-05-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com