Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STREF-SCS001V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STREF-SCS001V1
Description  Fast and easy migration from DC barrel to Type-C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STREF-SCS001V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STREF-SCS001V1 Datasheet HTML 1Page - STMicroelectronics STREF-SCS001V1 Datasheet HTML 2Page - STMicroelectronics STREF-SCS001V1 Datasheet HTML 3Page - STMicroelectronics STREF-SCS001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagram
Figure 2. STREF-SCS001V1 schematic
B3
21
1µF
VSNK
Tx-2
Disch
6
2
C1
CC1
STUSB4500
Addr0
A5
Vbus
Rx-1
D11
100
ESDA25P35
B12
U1
CC1
Disch
Vsnk
Vbus
CC1
R1
1k
B10
Rx+1
D+1
TP3
T1
24
22k
9
CC2
B4
CC2
TP1
SCL
4
1
Tx+1
TP10
B2
R10
Tx+2
A6
TYPE C
J1
D-1
B8
C2
B7
CC2
22
D-2
1k
100nF
B6
A2
Power_OK3
15
GPIO
12
A7
USB 3.1
CC2DB
R12
R11
Rx+2
B9
ESDA25W
ESDA25P35
D50
Sbu2
TP14
Standalone USB PD controller
with SINK auto-run mode
CC1DB
18
Sbu1
SCL
8
100k
R20
22k
A10
GND
A1
SDA
Vbus
1µF
Vsnk
B5
C50
CC2
B11
SDA
Vbus
A8
CC2
Tx-1
A12
2V7
VBUS_VS_Disch
19
ALERT#
C12
D1
R21
LD20
22k
13 Addr1
GND
Rx-2
GPIO
Power_PDO3
Power_PDO2
A_B_Side
SCL
Attach
SDA
ExpPAD
3
Power_OK2
17
A_B_Side
7
5
Vbus
Alert#
A3
TP13
CC1
A11
2V7
GND
GND
10
TP12
11
Attach
14
TP2
B1
GND
Reset
TP4
0
TP11
16
VBus_EN_SNK
20
A9
R2
A4
D+2
STL6P3LLH6
CC1
J10
Vbus
4.7µF
23
STREF-SCS001V1
Schematic diagram
DB3698 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com