Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBX-R5 Datasheet(PDF) 2 Page - u-blox AG

Part # UBX-R5
Description  Multi-band LTE-M / NB-IoT chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-R5 Datasheet(HTML) 2 Page - u-blox AG

  UBX-R5 Datasheet HTML 1Page - u-blox AG UBX-R5 Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UBX-R5
Features
LTE standards
3GPP Release 13 LTE Cat M1 and NB1
3GPP Release 14 LTE Cat M1: Coverage
Enhancement Mode B, Uplink TBS of 2984b
3GPP Release 14 LTE Cat NB2: Higher data
rate (TBS of 2536b), Mobility enhancement
(RRC connection re-establishment), E-Cell ID,
Lower power class PC6 (14 dBm), two HARQ
processes, Release Assistant, Random access
on Non-Anchor Carrier
Cat M1 Half-duplex, 375 kbit/s DL, 1200 kbit/s UL
Cat NB2 Half-duplex, 125 kbit/s DL, 140 kbit/s UL
LTE channels
375 kb/s UL/DL HD-FDD
PDSCH modes (TM) 1, 2
MPDCCH
SMS over SGS
RAN overload control for MTC – extended access
barring R11
Coverage extension A, B
I-DRX, C-DRX, PSM
Security
Root of Trust - Embedded Secure Element EAL5+ High
GNSS
External
Bands
Software selectable HD-FDD band configura-
tions enables single hardware SKU supporting
all 3GPP bands from 450 MHz to 2.46 GHz,
depending on external components
Application CPU
Industrial grade
Interfaces
Serial
UART
USB
SPI
DDC (I2C)
SDIO (host) 4-bit
ADC
PWM
I2S
GPIO
Up to 15 GPIOs, configurable
SIM
ISO 7816-3
GNSS
1 Time sync
Package
FCBGA package
8.5 x 9.0 x 1.0 mm
395 pins
Pitch
0.4 mm
Environmental data, quality & reliability
Operating
temperature
–40 °C to +85 °C (AEC-Q100 certified)
Storage
temperature
TBD
RoHS compliant (lead-free) and green (no halogens)
Manufactured in ISO/TS 16949 certified production sites
Certifications and approvals
Module dependent
Electrical data
Power supply
Range 3.3 V to 4.4 V
Power consumption TBD
Product variants
UBX-R5
u-blox LTE-M and NB-IoT chipset for multi-
regional use
UBX-19026227 - R01
Legal Notice:
u-blox reserves all rights to this document and the information contained herein. Products,
names, logos and designs described herein may in whole or in part be subject to intellectual
property rights. Reproduction, use, modification or disclosure to third parties of this doc-
ument or any part thereof without the express permission of u-blox is strictly prohibited.
The information contained herein is provided “as is”. No warranty of any kind, either
express or implied, is made in relation to the accuracy, reliability, fitness for a particular
purpose or content of this document. This document may be revised by u-blox at any
time. For most recent documents, please visit www.u-blox.com.
Copyright © 2019, u-blox AG
Further information
For contact information, see www.u-blox.com / contact-us.
For more product details and ordering information, see the product
data sheet.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com